Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7603F Datasheet(PDF) 3 Page - Rohm

Part # BA7603F
Description  Video signal switcher
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7603F Datasheet(HTML) 3 Page - Rohm

  BA7603F Datasheet HTML 1Page - Rohm BA7603F Datasheet HTML 2Page - Rohm BA7603F Datasheet HTML 3Page - Rohm BA7603F Datasheet HTML 4Page - Rohm BA7603F Datasheet HTML 5Page - Rohm BA7603F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Multimedia ICs
BA7603 / BA7603F
Electrical characteristics (unless otherwise noted Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
ICC
13.0
20.0
mA
Vom
2.7
2.9
VP-P
f = 1kHz, THD = 0.5%
GV
– 0.5
0
0.5
dB
f = 1MHz, VIN = 1VP-P
CT
– 65
dB
f = 4.43MHz, VIN = 1VP-P
Gf
– 3
0
1
dB
10MHz / 1MHz, V = 1VP-P
VTH
2.0
2.5
3.0
V
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristics
CTL pin switch level
Refer to the measurement circuit given in Fig. 1.
Reference data
Pin DC voltages (reference values)
1
2.05
9
2.05
2
4.91
10
0
3
0.65
11
2.05
4
0
12
4.91
5
0.65
13
5.00
6
0.65
14
2.05
7
4.91
15
0
8
2.05
16
2.05
Pin No.
DC voltage
DC voltage
Pin No.
Units: Vdc
Electrical characteristics
Parameter
0.49
0.65
0.80
Vdc
1.7M
—30
Min.
Typ.
Max.
Unit
Sync tip clamp level
Input impedance (with clamp)
Output impedance
The input coupling capacitor values should be 0.1
µF to 1µF.


Similar Part No. - BA7603F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
153Kb / 5P
   Triple Circuits Video Signal, AUdio Signal Switchers
More results

Similar Description - BA7603F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com