Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7612N Datasheet(PDF) 2 Page - Rohm

Part # BA7612N
Description  Video signal switcher
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7612N Datasheet(HTML) 2 Page - Rohm

  BA7612N Datasheet HTML 1Page - Rohm BA7612N Datasheet HTML 2Page - Rohm BA7612N Datasheet HTML 3Page - Rohm BA7612N Datasheet HTML 4Page - Rohm BA7612N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Multimedia ICs
BA7612N / BA7612F
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
113.5 / 210.0
V
mW
Topr
°C
Tstg
°C
Pd
VCC
19003 / 25504
– 25 ~ + 75
– 55 ~ + 125
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
1 BA7612N
2 BA7612F
3 Reduced by 9mW for each increase in Ta of 1°C over 25°C.
4 Reduced by 5.5mW for each increase in Ta of 1°C over 25°C.
Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
13.0
V
ICC
20.5
29.0
mA
3.0
3.5
VP-P
f = 1kHz, THD = 0.5%
BA7612F is Max.9.5V
GV
dB
CT
—– 65
dB
Cf
– 3.0
0
dB
14
20
26
k
VTH-A
1.0
2.0
3.0
V
VTH-B
1.0
2.0
3.0
V
5.5
6.0
6.5
1.0
Vom
ZIN
f = 4.43MHz, VIN = 1.0VP-P
f = 1MHz, VIN = 1.0VP-P
f = 10MHz / 1MHz, VIN = 1.0VP-P
Operating voltage range
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristic
Input impedance
CTL pin switching level A
CTL pin switching level B
Not designed for radiation resistance.


Similar Part No. - BA7612N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA7612N ETC2-BA7612N Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA7612N

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com