Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-03-1161 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 22-03-1161
Description  2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 16 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-03-1161 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  22-03-1161 Datasheet HTML 1Page - Molex Electronics Ltd. 22-03-1161 Datasheet HTML 2Page - Molex Electronics Ltd. 22-03-1161 Datasheet HTML 3Page - Molex Electronics Ltd. 22-03-1161 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 22-03-1161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-03-1162 MOLEX2-22-03-1162 Datasheet
112Kb / 3P
   2.5mm B-To-B Hdr SR VerB 16Ckt
More results

Similar Description - 22-03-1161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022031101 MOLEX2-0022031101 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295") Mating Pin Length, 10 Circuits
0022031131 MOLEX2-0022031131 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 13 Circuits
0022031151 MOLEX2-0022031151 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295") Mating Pin Length, 15 Circuits
0022031121 MOLEX2-0022031121 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 12 Circuits
0022031081 MOLEX2-0022031081 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295") Mating Pin Length, 8 Circuits
0022031051 MOLEX2-0022031051 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 5 Circuits
0022031031 MOLEX2-0022031031 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 3 Circuits
0022031061 MOLEX2-0022031061 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295") Mating Pin Length, 6 Circuits
0022031091 MOLEX2-0022031091 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 9 Circuits
0022031111 MOLEX2-0022031111 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 11 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com