Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7745 Datasheet(PDF) 8 Page - Rohm

Part # BA7745
Description  VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7745 Datasheet(HTML) 8 Page - Rohm

  BA7745 Datasheet HTML 1Page - Rohm BA7745 Datasheet HTML 2Page - Rohm BA7745 Datasheet HTML 3Page - Rohm BA7745 Datasheet HTML 4Page - Rohm BA7745 Datasheet HTML 5Page - Rohm BA7745 Datasheet HTML 6Page - Rohm BA7745 Datasheet HTML 7Page - Rohm BA7745 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Video ICs
BA7745FS
External dimensions (Units: mm)
SSOP-P32
0.8
13.6
± 0.2
17
16
0.36
± 0.1
32
1
0.3Min.
0.15


Similar Part No. - BA7745

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7746 ROHM-BA7746 Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
BA7746FS ROHM-BA7746FS Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
More results

Similar Description - BA7745

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
   Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com