Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7780KV Datasheet(PDF) 2 Page - Rohm

Part # BA7780KV
Description  Stereo zoom microphone amplifier for camcorders
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7780KV Datasheet(HTML) 2 Page - Rohm

  BA7780KV Datasheet HTML 1Page - Rohm BA7780KV Datasheet HTML 2Page - Rohm BA7780KV Datasheet HTML 3Page - Rohm BA7780KV Datasheet HTML 4Page - Rohm BA7780KV Datasheet HTML 5Page - Rohm BA7780KV Datasheet HTML 6Page - Rohm BA7780KV Datasheet HTML 7Page - Rohm BA7780KV Datasheet HTML 8Page - Rohm BA7780KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Video ICs
BA7780KV
Block diagram
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
REC
EXT
INT
13dB
GC
+
15dB
5dB
EXT
INT
BALANCE
RFLT
EXT
INT
13dB
RFLT
MIX
13dB
BALANCE
INT: 0N
GC
15dB
5dB
EXT
INT
CImt
13dB
OUT L
MIC MONO
Z B
Z A
Z SENSE
Z POINT
GAIN CONT
EX VCC OUT
EX VCC
VCC
Z AC
Z BC
IN MONI
HPF CONT
BIAS SUB
OUT R
GND L
MIX1 IN L
GZ CONT
SUB INV2 OUT
SUB INV2 IN
SUB BUF2 OUT
SUB VCA OUT
SUB VCA IN
MIX2 OUT
SUB BUF2 IN
SUB INV1 OUT
SUB BUF1 OUT
SUB BUF1 IN
MIX1 OUT
MIX1 IN R
GND R
INT: ON
REG
+


Similar Part No. - BA7780KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7781 ROHM-BA7781 Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7786FP-Y ROHM-BA7786FP-Y Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
BA7787FS ROHM-BA7787FS Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
More results

Similar Description - BA7780KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
logo
List of Unclassifed Man...
BH7870AKV ETC-BH7870AKV Datasheet
96Kb / 2P
   STEREO ZOOM MICROPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
   stereo CODEC with built-in Microphone-Amplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Fairchild Semiconductor
FAN3800 FAIRCHILD-FAN3800 Datasheet
289Kb / 9P
   Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
Sanyo Semicon Device
LA7293M SANYO-LA7293M Datasheet
55Kb / 2P
   Microphone Amplifier for Video Cameras
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com