Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7780KV Datasheet(PDF) 6 Page - Rohm

Part # BA7780KV
Description  Stereo zoom microphone amplifier for camcorders
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7780KV Datasheet(HTML) 6 Page - Rohm

Back Button BA7780KV Datasheet HTML 2Page - Rohm BA7780KV Datasheet HTML 3Page - Rohm BA7780KV Datasheet HTML 4Page - Rohm BA7780KV Datasheet HTML 5Page - Rohm BA7780KV Datasheet HTML 6Page - Rohm BA7780KV Datasheet HTML 7Page - Rohm BA7780KV Datasheet HTML 8Page - Rohm BA7780KV Datasheet HTML 9Page - Rohm BA7780KV Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Video ICs
BA7780KV
GVZ1-1 – 23.0 – 20.0 – 17.0
dB
29, 30 pin 0.0V (DC)
GVZ1-2 – 11.7
– 7.7
– 4.7
dB
29, 30 pin 0.8V (DC)
GVZ1-3
– 2.0
1.0
4.0
dB
29, 30 pin 2.2V (DC)
GVZ2-1 – 23.0 – 20.0 – 17.0
dB
29, 30 pin 2.2V (DC)
GVZ2-2 – 11.7
– 7.7
– 4.7
dB
29, 30 pin 1.4V (DC)
GVZ2-3
– 2.0
1.0
4.0
dB
29, 30 pin 0.0V (DC)
Parameter
Symbol
Unit
Conditions
Min.
Typ.
Max.
GVZ3–1
– 2.5
0.5
3.5
dB
27 pin 0.64
× 4pin (DC)
GVZ3–2
– 7.5
– 4.5
– 1.5
dB
27 pin 0.733
× 4pin (DC)
GVZ3–3 – 20.6 – 17.0 – 12.0
dB
27 pin 0.82
× 4pin (DC)
GVZ4–1
– 5.5
– 2.5
0.5
dB
28 pin 0.59
× 4pin (DC)
GVZ4–2
– 9.5
– 6.5
– 3.5
dB
28 pin 0.69
× 4pin (DC)
GVZ4–3 – 17.5 – 14.5 – 11.5
dB
28 pin 0.8
× 4pin (DC)
GVVCA1
– 5.0
– 3.0
– 1.0
dB
51 pin 0.74
× 4pin (DC)
GV VCA2
– 2.0
0.0
2.0
dB
51 pin 0.58
× 4pin (DC)
GV VCA3
1.0
3.0
5.0
dB
51 pin 0.48
× 4pin (DC)
12
→13 or 37→36 pin
52
→13 or 52→36 pin
28 pin 0.8
× 4pin, 29 30 pin 1.1V,
12
→13 or 37→36 pin
27 pin 0.733
× 4pin, 29 30 pin 0.4V,
12
→13 or 37→36 pin
Sub VCA gain
Variable slope
Variable position
Gain 2
Gain 1
Rch / Lch
Rch / Lch
Rch / Lch
Rch / Lch
56pin
55pin
ZOOM - BALANCE
ZOOM - BALANCE
ZOOM - BALANCE
ZOOM - BALANCE
Note 1: Input switch crosstalk measurement method:
(pin 19 = “H” or open, pin 26 = GND, pin 27 = 0.733
× pin 4, pin 28 = 0.80 × pin 4, pin 29 = 2.2V, pin 30 = 2.2V)
Input 1kHz signals on the INT input pins (3 and 46) in INT input mode that give a distortion of 1% at the signal output pins (17 and 32), then
connect the EXT input pins (5 and 44) to GND via Rg = 1k
Ω Switch to EXT input mode, and measure the relative output level of the output pins
(17 and 32).
Note 2: Interchannel crosstalk measurement method:
The mode pin conditions are the same as for input switch crosstalk.
Connect the input pin of the channel to be measured to GND via Rg = 1k
Ω. Input a 1kHz signal on the other channel's input that gives a distortion
of 1% on the signal output pins (17 and 32), and measure the relative output level between the signal output pins (17 and 32).


Similar Part No. - BA7780KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7781 ROHM-BA7781 Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7786FP-Y ROHM-BA7786FP-Y Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
BA7787FS ROHM-BA7787FS Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
More results

Similar Description - BA7780KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
logo
List of Unclassifed Man...
BH7870AKV ETC-BH7870AKV Datasheet
96Kb / 2P
   STEREO ZOOM MICROPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
   stereo CODEC with built-in Microphone-Amplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Fairchild Semiconductor
FAN3800 FAIRCHILD-FAN3800 Datasheet
289Kb / 9P
   Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
Sanyo Semicon Device
LA7293M SANYO-LA7293M Datasheet
55Kb / 2P
   Microphone Amplifier for Video Cameras
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com