Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7797 Datasheet(PDF) 2 Page - Rohm

Part # BA7797
Description  VCR standard audio signal processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7797 Datasheet(HTML) 2 Page - Rohm

  BA7797 Datasheet HTML 1Page - Rohm BA7797 Datasheet HTML 2Page - Rohm BA7797 Datasheet HTML 3Page - Rohm BA7797 Datasheet HTML 4Page - Rohm BA7797 Datasheet HTML 5Page - Rohm BA7797 Datasheet HTML 6Page - Rohm BA7797 Datasheet HTML 7Page - Rohm BA7797 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Video ICs
BA7797F
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
13
V
550
mW
Topr
°C
Tstg
°C
Pd
– 10 ~ + 65
– 55 ~ + 125
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
When mounted on a 50mm × 50mm × 1.6mm glass epoxy board. Reduced by 5.5mW for
each increase in Ta of 1
°C over 25°C.
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
7.5
12.5
V
Power supply voltage
Pin descriptions (VCC = 10V)
1
PB IN
2.0V
REC: 120k
REC: 11
2
REC HEAD SW
0.0V
REC: OPEN
3
REC OUT
4.7V
EF (P-P)
4
REC L
4.7V
B (NPN)
5
VCC
10.0V
6
RIPPLE FILTER
10.0V
10k
Ω (VCC)
7
REC / EE CTRL
8
LINE OUT
4.7V
EF (P-P)
9
ALC LEVEL ADJ
4.1V
10
MUTE CTRL
11
LINE IN
4.7V
120k
12
PB / TU / LINE CTRL
13
TUNER IN
4.7V
120k
14
ALC FILTER
PB: 0.0V
15
PB LINE IN
4.7V
120k
16
PB OUT
2.0V
EF (P-P)
17
PB NFB
2.0V
B (NPN)
18
GND
0.0V
Pin No.
Pin name
Function
Pin voltage
I / O circuit
REC: 17
Ω (ON)
EF (NPN) ~ 100
PB: Not fixed
See input / output circuit
See Fig. 4
See input / output circuit
See input / output circuit
Playback amplifier input / playback head switch
High-withstanding voltage recording head switch
Recording amplifier output
Recording EQ switch
VCC
Ripple filter
REC / EE control
Line amplifier output
ALC level adjustment
Mute control
Line input
PB / TU / LINE control
Tuner input
For setting the time constant for the ALC filter
(attack and recovery times)
Line input for playback
Playback amplifier output
Playback amplifier feedback
GND
EF: emitter follower, P-P: push pull, B: base, and C: collector.
All measurements made using the measurement circuit (Fig.1) with VCC = 10V and quiescent circuit conditions.
All numerical values are standardized values.


Similar Part No. - BA7797

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779 VISHAY-BA779 Datasheet
54Kb / 4P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
BA779 VISHAY-BA779 Datasheet
156Kb / 5P
   RF PIN Diodes - Single in SOT23
Rev. 1.7, 19-Feb-07
logo
Guangdong Kexin Industr...
BA779 KEXIN-BA779 Datasheet
35Kb / 1P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Vishay Siliconix
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
More results

Similar Description - BA7797

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7796FS ROHM-BA7796FS Datasheet
128Kb / 10P
   VCR standard audio signal processor
BA7795LS ROHM-BA7795LS Datasheet
163Kb / 12P
   VCR standard audio signal processor
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7289 SANYO-LA7289 Datasheet
210Kb / 11P
   VCR Audio Signal Record and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com