Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-71661-1380 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-71661-1380
Description  1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 2.79mm (.110) PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

A-71661-1380 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-71661-1380 Datasheet HTML 1Page - Molex Electronics Ltd. A-71661-1380 Datasheet HTML 2Page - Molex Electronics Ltd. A-71661-1380 Datasheet HTML 3Page - Molex Electronics Ltd. A-71661-1380 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - A-71661-1380

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-71661-1380 MOLEX9-A-71661-1380 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 2.79mm PC Tail Length
More results

Similar Description - A-71661-1380

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015922530 MOLEX2-0015922530 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 130 Circuits, 2.79mm (.110) PC Tail Length
0716611580 MOLEX8-0716611580 Datasheet
203Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Plug, Vertical, with Latch, 80 Circuits, 2.79mm (.110") PC Tail Length
0015922440 MOLEX2-0015922440 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 2.79mm (.110) PC Tail Length
0015922520 MOLEX2-0015922520 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 120 Circuits, 2.79mm (.110) PC Tail Length
0015922430 MOLEX2-0015922430 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 30 Circuits, 2.79mm (.110) PC Tail Length
0015922468 MOLEX2-0015922468 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 2.79mm (.110) PC Tail Length
0015922460 MOLEX2-0015922460 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 2.79mm (.110) PC Tail Length
0015922500 MOLEX2-0015922500 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 100 Circuits, 2.79mm (.110) PC Tail Length
0015922450 MOLEX2-0015922450 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 2.79mm (.110) PC Tail Length
15-92-2480 MOLEX9-15-92-2480 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 2.79mm PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com