Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA9700A Datasheet(PDF) 3 Page - Rohm

Part # BA9700A
Description  Switching regulator for DC / DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9700A Datasheet(HTML) 3 Page - Rohm

  BA9700A Datasheet HTML 1Page - Rohm BA9700A Datasheet HTML 2Page - Rohm BA9700A Datasheet HTML 3Page - Rohm BA9700A Datasheet HTML 4Page - Rohm BA9700A Datasheet HTML 5Page - Rohm BA9700A Datasheet HTML 6Page - Rohm BA9700A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BA9700A / BA9700AF / BA9700AFV
Regulator ICs
!
!
!
!Timing chart
ERR. AMP
OUTPUT
DEAD - TIME
H
L
PWM. COMP
OUTPUT
H
L
OUTPUT TR.
COLLECTOR
Fig.1
!
!
!
!Application examples
L1: RCH-875 121K (Sumida Electronics)
Fig.2 Step-down converter
R6
560
R7
560
N.C.
N.C.
Q1 2SB1009
L1
120
µH
470
µ
5V
VOUT
C5, C6
C8
470
µF
×2
RB100A
D1
GND
R815k
C9 1000p
47k
R9
SW1
Vref
2.57V
30k
30k
1.29V
Triangle
Oscillator
Voltage
Regulator
+
ERROR AMP
C1
680p
0.047
µ
C2
R3
7.5k
R2
15k
R1
43k
GND
VIN
PWM COMPARATOR
C4 1
µ
R5 20k
R4 15k
3
10
8
11
13
14
12
4
9
6
5
2
1
7
+


Similar Part No. - BA9700A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9706K ROHM-BA9706K Datasheet
348Kb / 11P
   3-channel switching regulator controller
BA9707 ROHM-BA9707 Datasheet
157Kb / 6P
   4-channel switching regulator
BA9707KV ROHM-BA9707KV Datasheet
157Kb / 6P
   4-channel switching regulator
BA9708 ROHM-BA9708 Datasheet
158Kb / 6P
   3-channel switching regulator
BA9708K ROHM-BA9708K Datasheet
158Kb / 6P
   3-channel switching regulator
More results

Similar Description - BA9700A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
   Switching Regulator Application DC-DC Converters
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
2SK4022 TOSHIBA-2SK4022_09 Datasheet
183Kb / 6P
   Switching Regulators, DC-DC Converters and
logo
Intersil Corporation
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com