Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3541F Datasheet(PDF) 3 Page - Rohm

Part # BH3541F
Description  Headphone amplifier for CD-ROMs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3541F Datasheet(HTML) 3 Page - Rohm

  BH3541F Datasheet HTML 1Page - Rohm BH3541F Datasheet HTML 2Page - Rohm BH3541F Datasheet HTML 3Page - Rohm BH3541F Datasheet HTML 4Page - Rohm BH3541F Datasheet HTML 5Page - Rohm BH3541F Datasheet HTML 6Page - Rohm BH3541F Datasheet HTML 7Page - Rohm BH3541F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BH3541F / BH3544F
Optical disc ICs
!
!
!
!Pin descriptions
Pin No.
Pin name
Internal equivalent circuit
I / O
Pin voltage
Function
1
OUT1
O
2.1V
Output pin
7
OUT2
O
2.1V
2
MUTE
I
0.1V
3
IN1
I
2.1V
5
IN2
I
2.1V
Input pin
6
BIAS
I / O
2.1V
4
GND
I
1
VCC
10k
7
2
VCC
190k
3
5
6
VCC
VCC
180k
BIAS
BIAS
60k
60k
(VCC
=5V)
(When open)
(VCC=5V)
(VCC=5V)
8I
VCC
Mute control pin
(set to low for prevention of
popping noise when power
is turned on and off).
Operating : High
Muting : Low (open)
Bias pin
(the external 47
µF
capacitor also serves as the
anti-pop time constant,
therefore make the proper
considerations be changing
it).


Similar Part No. - BH3541F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3541F-E2 ROHM-BH3541F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
More results

Similar Description - BH3541F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3544 UTC-3544_09 Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544_15 Datasheet
354Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544 Datasheet
92Kb / 9P
   HEADPHONE AMPLIFIER FOR CD-ROMS
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
NJM2769B NJRC-NJM2769B Datasheet
308Kb / 7P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Rohm
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com