Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3541F Datasheet(PDF) 7 Page - Rohm

Part # BH3541F
Description  Headphone amplifier for CD-ROMs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3541F Datasheet(HTML) 7 Page - Rohm

  BH3541F Datasheet HTML 1Page - Rohm BH3541F Datasheet HTML 2Page - Rohm BH3541F Datasheet HTML 3Page - Rohm BH3541F Datasheet HTML 4Page - Rohm BH3541F Datasheet HTML 5Page - Rohm BH3541F Datasheet HTML 6Page - Rohm BH3541F Datasheet HTML 7Page - Rohm BH3541F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BH3541F / BH3544F
Optical disc ICs
!
!
!
!Operation notes
The application example is recommended by ROHM, but before use in your application, be sure to carefully confirm
electrical characteristics.
Also, for use with different circuit constants for the external circuits, be sure to leave a sufficient margin for fluctuations in
characteristics in the external components and ROHM ICs in not only the static characteristics, but also the transient
characteristics as well.
!
!
!
!Electrical characteristic curves
0
SUPPLY VOLTAGE :
VCC (V)
Fig.3
Quiescent current vs.
power supply voltage
2
04
2
68
10
5
10
1
3
4
6
7
8
9
MUTE : OFF
MUTE : ON
Ta
=25
°C
RL
=32Ω
00
SUPPLY VOLTAGE :
VCC (V)
Fig.4
Pin DC current vs.
power supply voltage
2
04
1
68
10
5
2
3
4
1
5
2
3
4
Ta
=25
°C
RL
=32Ω
−90
MUTE CONTROL VOLTAGE : VTM (V)
Fig.5
Output voltage vs.
MUTE control voltage
0.4
0
0.8
−70
1.2
1.6
2
−40
10
−80
−60
−50
−30
−20
−10
0
Ta
=25
°C
RL
=32Ω
VCC
=5V
VIN
=0dBV
f
=1kHz
10
−12
FREQUENCY :
F (HZ)
−8
8
Fig.6
Voltage gain vs. frequency
100
1k
10k
−10
100k
−6
−4
−2
0
2
4
6
BH3544F
BH3541F
Ta
=25
°C
RL
=32Ω
VIN
=0dBV
VCC
=5V
−40
0.001
OUTPUT VOLTAGE :
VO (dBV)
0.01
10
−30
−20
−10
10
0.1
1
0
f
=100HZ
f
=1kHZ
f
=10kHZ
Ta
=25
°C
RL
=32Ω
VCC
=5V
Fig.7
Total harmonic distortion vs.
output voltage ( )
−40
0.001
OUTPUT VOLTAGE
: VO (dBV)
0.01
10
−30
−20
−10
10
0.1
1
0
f
=100HZ
f
=1kHZ
f
=10kHZ
Ta
=25
°C
RL
=32Ω
VCC
=3V
Fig.8 Total harmonic distortion vs.
output voltage ( )


Similar Part No. - BH3541F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3541F-E2 ROHM-BH3541F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
More results

Similar Description - BH3541F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3544 UTC-3544_09 Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544_15 Datasheet
354Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544 Datasheet
92Kb / 9P
   HEADPHONE AMPLIFIER FOR CD-ROMS
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
NJM2769B NJRC-NJM2769B Datasheet
308Kb / 7P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Rohm
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com