Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3544F Datasheet(PDF) 1 Page - Rohm

Part # BH3544F
Description  Headphone amplifier for CD-ROMs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3544F Datasheet(HTML) 1 Page - Rohm

  BH3544F Datasheet HTML 1Page - Rohm BH3544F Datasheet HTML 2Page - Rohm BH3544F Datasheet HTML 3Page - Rohm BH3544F Datasheet HTML 4Page - Rohm BH3544F Datasheet HTML 5Page - Rohm BH3544F Datasheet HTML 6Page - Rohm BH3544F Datasheet HTML 7Page - Rohm BH3544F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BH3541F / BH3544F
Optical disc ICs
Headphone amplifier for CD-ROMs
BH3541F / BH3544F
The BH3541F and BH3544F are digital-source dual headphone amplifiers. The BH3541F has a fixed gain of 0dB and
the BH3544F has a fixed gain of 6dB so that external gain setting is unnecessary. Both the BH3541F and BH3544F have
internal mute functions so that prevention of the popping sound when power is turned on and off is greatly simplified.
Also, these ICs are equipped with thermal shutdown circuits to prevent damage from short circuits.
Product name
BH3541F
BH3544F
Fixed gain
0dB
6dB
!
!
!
!Applications
Devices that use the headphone output from CD-ROMs, CDs, MDs, personal computers, notebook computers,
camcorders, etc.
!
!
!
!Features
1) Internal mute function to prevent popping sounds when the power is turned on and off.
2) Built-in thermal shutdown circuit (150
°C) to prevent damage to the IC if a short circuit occurs.
3) Compact SOP8 pin package.
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Applied voltage
VMax
7.0
V
Power dissipation
Pd
450
mW
Operating temperature
Topr
−25 ~ +75
Storage temperature
Tstg
−55 ~ +125
°C
°C
Reduced by 4.5mW for each increase in Ta of 1°C over 25°C.
!
!
!
!Recommended operating conditions
(Ta = 25
°C)
Parameter
Power supply voltage
Symbol
Min.
Typ.
Max.
Unit
VCC
2.8
6.5
V


Similar Part No. - BH3544F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3544F ROHM-BH3544F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3544F ROHM-BH3544F Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
More results

Similar Description - BH3544F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3544 UTC-3544_09 Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544_15 Datasheet
354Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544 Datasheet
92Kb / 9P
   HEADPHONE AMPLIFIER FOR CD-ROMS
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
NJM2769B NJRC-NJM2769B Datasheet
308Kb / 7P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Rohm
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com