Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH4126 Datasheet(PDF) 1 Page - Rohm

Part # BH4126
Description  Wide band IF detector for RF remote control units
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH4126 Datasheet(HTML) 1 Page - Rohm

  BH4126 Datasheet HTML 1Page - Rohm BH4126 Datasheet HTML 2Page - Rohm BH4126 Datasheet HTML 3Page - Rohm BH4126 Datasheet HTML 4Page - Rohm BH4126 Datasheet HTML 5Page - Rohm BH4126 Datasheet HTML 6Page - Rohm BH4126 Datasheet HTML 7Page - Rohm BH4126 Datasheet HTML 8Page - Rohm BH4126 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BH4126FV
Communication ICs
Wide band IF detector for RF remote
control units
BH4126FV
The BH4126FV is an IC equipped with internal mixer, IF amplifier, and FM detector circuits, developed for use with RF
remote control units.
!Applications
Keyless entry
!Features
1) Equipped with internal mixer, IF, RSSI, and FM
detection circuits.
2) Can be operated at mixer input frequencies ranging
from 20MHz to 300MHz.
3) Equipped with a battery power saving function.
4) Fast RSSI response.
5) High FM detection sensitivity. (21.2mV / kHz)


Similar Part No. - BH4126

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4127 ROHM-BH4127 Datasheet
125Kb / 9P
   IF detector IC for 900MHz spread spectrum cordless phones
BH4127FV ROHM-BH4127FV Datasheet
125Kb / 9P
   IF detector IC for 900MHz spread spectrum cordless phones
BH4128 ROHM-BH4128 Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
More results

Similar Description - BH4126

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1USC31XP SHARP-GP1USC31XP Datasheet
586Kb / 13P
   Infrared Detector for Remote Control
logo
Linear Technology
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
logo
Motorola, Inc
MC3373 MOTOROLA-MC3373 Datasheet
74Kb / 1P
   Remote Control Amplifier/Detector
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
STMicroelectronics
STPAC01F1 STMICROELECTRONICS-STPAC01F1 Datasheet
87Kb / 6P
   RF DETECTOR FOR POWER AMPLIFIER CONTROL
January 2003 - Ed: 1
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
   RF DETECTOR FOR POWER AMPLIFIER CONTROL
logo
Oscilent Corporation
805-RF315.0M-A OSCILENT-805-RF315.0M-A Datasheet
180Kb / 2P
   RF SAW Filter for Remote Control
logo
Toshiba Semiconductor
TA31161FNG TOSHIBA-TA31161FNG Datasheet
528Kb / 16P
   WIDE-BAND IF DETECTOR IC WITH BUILT=IN HIGH-SPEED MUXER
logo
United Monolithic Semic...
CHE1270 UMS-CHE1270 Datasheet
395Kb / 6P
   12-40GHz Wide Band Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com