Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015922030 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0015922030
Description  1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 30 Circuits, 3.40mm (.134) PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0015922030 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0015922030 Datasheet HTML 1Page - Molex Electronics Ltd. 0015922030 Datasheet HTML 2Page - Molex Electronics Ltd. 0015922030 Datasheet HTML 3Page - Molex Electronics Ltd. 0015922030 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 0015922030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015922040 MOLEX2-0015922040 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 3.40mm (.134) PC Tail Length
0015922050 MOLEX2-0015922050 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 3.40mm (.134) PC Tail Length
0015922060 MOLEX2-0015922060 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm (.134) PC Tail Length
0015922068 MOLEX2-0015922068 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 3.40mm (.134) PC Tail Length
0015922080 MOLEX2-0015922080 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 3.40mm (.134) PC Tail Length
More results

Similar Description - 0015922030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015922120 MOLEX2-0015922120 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 120 Circuits, 3.40mm (.134) PC Tail Length
0015922050 MOLEX2-0015922050 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 3.40mm (.134) PC Tail Length
0015922068 MOLEX2-0015922068 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 3.40mm (.134) PC Tail Length
0015922040 MOLEX2-0015922040 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 3.40mm (.134) PC Tail Length
0015922100 MOLEX2-0015922100 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 100 Circuits, 3.40mm (.134) PC Tail Length
0015922130 MOLEX2-0015922130 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 130 Circuits, 3.40mm (.134) PC Tail Length
0015922060 MOLEX2-0015922060 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm (.134) PC Tail Length
0015922080 MOLEX2-0015922080 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 3.40mm (.134) PC Tail Length
0716611561 MOLEX8-0716611561 Datasheet
203Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, with Latch, 60 Circuits, 3.40mm(.134") PC Tail Length
0716617230 MOLEX8-0716617230 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 30 Circuits, 3.40mm(.134") PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com