Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3022-12B Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 3022-12B
Description  2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

3022-12B Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  3022-12B Datasheet HTML 1Page - Molex Electronics Ltd. 3022-12B Datasheet HTML 2Page - Molex Electronics Ltd. 3022-12B Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 3022-12B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3022-12 ETC2-3022-12 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Molex Electronics Ltd.
3022-12A MOLEX2-3022-12A Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 12 Circuits
More results

Similar Description - 3022-12B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022031042 MOLEX2-0022031042 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 4 Circuits
0022031092 MOLEX2-0022031092 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 9 Circuits
0022031082 MOLEX2-0022031082 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 8 Circuits
0022031152 MOLEX2-0022031152 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437") Mating Pin Length, 15 Circuits
0022031142 MOLEX2-0022031142 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 14 Circuits
0022031052 MOLEX2-0022031052 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 5 Circuits
0022031132 MOLEX2-0022031132 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 13 Circuits
0022031102 MOLEX2-0022031102 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 10 Circuits
0022031062 MOLEX2-0022031062 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 6 Circuits
0022031112 MOLEX2-0022031112 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 11 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com