Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5313 Datasheet(PDF) 4 Page - Rohm

Part # BP5313
Description  Power supply unit for LCD drives
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5313 Datasheet(HTML) 4 Page - Rohm

  BP5313 Datasheet HTML 1Page - Rohm BP5313 Datasheet HTML 2Page - Rohm BP5313 Datasheet HTML 3Page - Rohm BP5313 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FExternal dimensions (Units: mm)
376
Regulator ICs
BP5313


Similar Part No. - BP5313

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5313A ROHM-BP5313A Datasheet
63Kb / 5P
   DC / DC converter for LCD
More results

Similar Description - BP5313

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5311 ROHM-BP5311 Datasheet
64Kb / 4P
   Power supply unit for LCD drives
BP5307 ROHM-BP5307 Datasheet
60Kb / 4P
   Surface-mount type power supply unit for LCD drives
BP5317 ROHM-BP5317 Datasheet
46Kb / 4P
   Surface-mount power supply unit for LCD drivers
BP5302 ROHM-BP5302 Datasheet
69Kb / 4P
   Power supply unit for LCDs
logo
Beckhoff Automation Gmb...
CX2100-0014 BECKHOFF-CX2100-0014 Datasheet
110Kb / 2P
   Power supply unit for CX20xx, 130W
logo
NEC
UPD161661 NEC-UPD161661 Datasheet
441Kb / 15P
   POWER SUPPLY FOR TFT-LCD DRIVER
UPD161660 NEC-UPD161660 Datasheet
94Kb / 15P
   POWER SUPPLY FOR TFT-LCD DRIVER
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
   Power supply unit
2019-04-09
103133 PHOENIX-103133 Datasheet
511Kb / 20P
   Power supply unit
2016-09-15
logo
Festo Corporation.
2247682 FESTO-2247682 Datasheet
75Kb / 1P
   Power supply unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com