Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-4051 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 22-28-4051
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 5 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-28-4051 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  22-28-4051 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 2Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 3Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-4051 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image


Similar Part No. - 22-28-4051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-4051 MOLEX11-22-28-4051 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 5 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm
More results

Similar Description - 22-28-4051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022284361 MOLEX2-0022284361 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284031 MOLEX2-0022284031 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284101 MOLEX2-0022284101 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284201 MOLEX2-0022284201 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 20 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284161 MOLEX2-0022284161 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 16 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284181 MOLEX2-0022284181 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 18 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284121 MOLEX2-0022284121 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 12 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284141 MOLEX2-0022284141 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 14 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284021 MOLEX2-0022284021 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
0022284111 MOLEX2-0022284111 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 11 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com