Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24C01AF-W Datasheet(PDF) 2 Page - Rohm

Part # BR24C01AF-W
Description  I2C BUS compatible serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C01AF-W Datasheet(HTML) 2 Page - Rohm

  BR24C01AF-W Datasheet HTML 1Page - Rohm BR24C01AF-W Datasheet HTML 2Page - Rohm BR24C01AF-W Datasheet HTML 3Page - Rohm BR24C01AF-W Datasheet HTML 4Page - Rohm BR24C01AF-W Datasheet HTML 5Page - Rohm BR24C01AF-W Datasheet HTML 6Page - Rohm BR24C01AF-W Datasheet HTML 7Page - Rohm BR24C01AF-W Datasheet HTML 8Page - Rohm BR24C01AF-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BR24C01A-W / BR24C01AF-W / BR24C01AFJ-W / BR24C01AFV-W / BR24C02-W / BR24C02F-W /
Memory ICs
BR24C02FJ-W / BR24C02FV-W / BR24C04-W / BR24C04F-W / BR24C04FJ-W / BR24C04FV-W
!
!
!
!
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
V
V
Input voltage
VIN
V
VCC
0
~VCC
2.7
~5.5 (WRITE)
2.7
~5.5 (READ)
!
!
!
!
Block diagram
BR24C01A-W / AF-W / AFJ-W / AFV-W
1kbits EEPROM ARRAY
CONTROL LOGIC
HIGH VOLTAGE GEN.
ACK
START
STOP
7bits
7bits
8bits
DATA
REGISTER
ADDRESS
DECODER
A0
A1
A2
1
2
3
4
GND
WP
SCL
SDA
8
7
6
5
VCC
VCC LEVEL DETECT
ADDRESS REGISTER
SLAVE WORD
·
BR24C02-W / F-W / FJ-W / FV-W
2kbits EEPROM ARRAY
CONTROL LOGIC
HIGH VOLTAGE GEN.
ACK
START
STOP
8bits
8bits
8bits
DATA
REGISTER
ADDRESS
DECODER
A0
A1
A2
1
2
3
4
GND
WP
SCL
SDA
8
7
6
5
VCC
VCC LEVEL DETECT
ADDRESS REGISTER
SLAVE WORD
·
BR24C04-W / F-W / FJ-W / FV-W
4kbits EEPROM ARRAY
CONTROL LOGIC
HIGH VOLTAGE GEN.
ACK
START
STOP
9bits
9bits
8bits
DATA
REGISTER
ADDRESS
DECODER
A0
A1
A2
1
2
3
4
GND
WP
SCL
SDA
8
7
6
5
VCC
VCC LEVEL DETECT
ADDRESS REGISTER
SLAVE WORD
·
!
!
!
!
Pin descriptions
Pin name
Function
A0, A1, A2
Slave address setting pin
SCL
Serial data clock
SDA
Serial data input / output
WP
Write protect pin
VCC
Power supply
GND
Ground
∗ An open drain output requires a pull-up resistor.
Slave address setting pin
SCL
SDA
WP
Write protect pin
Power supply
GND
Ground
Pin name
Function
Serial data clock
Serial data input / output
A0, A1, A2
VCC
∗ An open drain output requires a pull-up resistor.
Pin name
A0
N.C.
SCL
SDA
WP
Write protect pin
Power supply
GND
Ground
Function
A1, A2
Slave address setting pin
Serial data clock
Serial data input / output
VCC
∗ An open drain output requires a pull-up resistor.


Similar Part No. - BR24C01AF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-10SU-1.8 ROHM-BR24C01A-10SU-1.8 Datasheet
309Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24C01A-10SU-1.8 ROHM-BR24C01A-10SU-1.8 Datasheet
601Kb / 5P
   Silcon Monolithic Integrated Circuit
BR24C01A-10SU-1.8 ROHM-BR24C01A-10SU-1.8_11 Datasheet
601Kb / 5P
   Silcon Monolithic Integrated Circuit
BR24C01A-10SU-2.7 ROHM-BR24C01A-10SU-2.7 Datasheet
294Kb / 6P
   Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
BR24C01A-10SU-2.7 ROHM-BR24C01A-10SU-2.7 Datasheet
573Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BR24C01AF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com