Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-91-3084 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-91-3084
Description  2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 2 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

15-91-3084 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-91-3084 Datasheet HTML 1Page - Molex Electronics Ltd. 15-91-3084 Datasheet HTML 2Page - Molex Electronics Ltd. 15-91-3084 Datasheet HTML 3Page - Molex Electronics Ltd. 15-91-3084 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 15-91-3084

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-3084 MOLEX2-15-91-3084 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle
15-91-3084 MOLEX5-15-91-3084 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 8 Circuits, Tin (Sn) Plating
More results

Similar Description - 15-91-3084

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015913074 MOLEX2-0015913074 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 7 Circuits
0015913193 MOLEX2-0015913193 Datasheet
490Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 19 Circuits
0015913184 MOLEX2-0015913184 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 18 Circuits
0015913124 MOLEX2-0015913124 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circuits
0015913164 MOLEX2-0015913164 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 16 Circuits
0015913214 MOLEX2-0015913214 Datasheet
490Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 21 Circuits
0015913133 MOLEX2-0015913133 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 13 Circuits
0015913254 MOLEX2-0015913254 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 25 Circuits
0015913154 MOLEX2-0015913154 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circuits
0015913194 MOLEX2-0015913194 Datasheet
490Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 19 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com