Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24C16 Datasheet(PDF) 10 Page - Rohm

Part # BR24C16
Description  I2C BUS compatible serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C16 Datasheet(HTML) 10 Page - Rohm

Back Button BR24C16 Datasheet HTML 4Page - Rohm BR24C16 Datasheet HTML 5Page - Rohm BR24C16 Datasheet HTML 6Page - Rohm BR24C16 Datasheet HTML 7Page - Rohm BR24C16 Datasheet HTML 8Page - Rohm BR24C16 Datasheet HTML 9Page - Rohm BR24C16 Datasheet HTML 10Page - Rohm BR24C16 Datasheet HTML 11Page - Rohm BR24C16 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BR24C08 / BR24C08F / BR24C08FJ / BR24C08FV / BR24C16/ BR24C16F /
Memory Ics
BR24C16FJ / BR24C16FV / BR24E16 / BR24E16F / BR24E16FJ / BR24E16FV
(10) Random read
BR24C08 / F / FJ / FV
S
T
O
P
A
C
K
R
E
A
D
DATA(n)
SLAVE
ADDRESS
SLAVE
ADDRESS
WORD
ADDRESS(n)
SDA
LINE
S
T
A
R
T
S
T
A
R
T
11
0
0 A2 P1 P0
R
/
W
R
/
W
A
C
K
A
C
K
A
C
K
W
R
I
T
E
11
0
0 A2 P1P0
D7
D0
Fig.13
WA
7
WA
0
BR24C16 / F / FJ / FV
S
T
O
P
A
C
K
R
E
A
D
DATA(n)
SLAVE
ADDRESS
SLAVE
ADDRESS
WORD
ADDRESS(n)
SDA
LINE
S
T
A
R
T
S
T
A
R
T
11
0
0 P2 P1 P0
R
/
W
R
/
W
A
C
K
A
C
K
A
C
K
W
R
I
T
E
11
0
0 P2 P1P0
D7
D0
Fig.14
WA
7
WA
0
BR24E16 / F / FJ / FV
SLAVE
ADDRESS
SDA
LINE
S
T
A
R
T
11
0
0 A2 A1 A0
R
/
W
W
R
I
T
E
Fig.15
S
T
O
P
A
C
K
R
E
A
D
DATA(n)
SLAVE
ADDRESS
S
T
A
R
T
R
/
W
A
C
K
A
C
K
11
0
0 A2 A1A0
D7
D0
WA
0
1st WORD
ADDRESS(n)
2nd WORD
ADDRESS(n)
A
C
K
WA
10
A
C
K
$ This command can read the designated word address data.
$ When an ACK signal LOW is detected after D0 and a stop condition is not sent from the master (
µ-COM), the next
word address data can be read.
[All words all read enabled]
(See Fig.16 to 18 for the sequential read cycles.)
$ This command is ended by inputting a HIGH signal to the ACK signal after D0 and raising the SDA signal (stop
condition) by raising SCL to HIGH.


Similar Part No. - BR24C16

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C16-DS6TP ROHM-BR24C16-DS6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C16-DW6TP ROHM-BR24C16-DW6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C16-MN6TP ROHM-BR24C16-MN6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C16-RDS6TP ROHM-BR24C16-RDS6TP Datasheet
318Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
BR24C16-RDW6TP ROHM-BR24C16-RDW6TP Datasheet
318Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
More results

Similar Description - BR24C16

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com