Electronic Components Datasheet Search |
|
BR24E16F Datasheet(PDF) 6 Page - Rohm |
|
BR24E16F Datasheet(HTML) 6 Page - Rohm |
6 / 12 page BR24C08 / BR24C08F / BR24C08FJ / BR24C08FV / BR24C16/ BR24C16F / Memory Ics BR24C16FJ / BR24C16FV / BR24E16 / BR24E16F / BR24E16FJ / BR24E16FV (5) Write protect (WP) When WP pin set to VCC (High level), write protect is set by all address. When WP pin set to GND (Low level), enable to write to all address. Either control this pin or connect to GND (or VCC). It is inhibited from being left unconnected. (6) ACK signal The acknowledge signal (ACK signal) is determined by software and is used to indicate whether or not a data transfer is proceeding normally. The transmitting device, whether the master or slave, opens the bus after an 8-bit data output ( µ-COM when a write or read command of the slave address input ; this IC when reading data). For the receiving device during the ninth clock cycle, SDA is set to LOW and an acknowledge signal (ACK signal) is sent to indicate that it received the 8-bit data (this IC when a write command or a read command of the slave address input, µ-COM when a read command data output). The ICs output a LOW acknowledge signal (ACK signal) after recognizing the start condition and slave address (8 bits). When data is being write to the ICs, a LOW acknowledge signal (ACK signal) is output after the receipt of each 8 bits of data (word address and write data). When data is being read from the IC, 8bits of data (read data) are output and the IC waits for a returned LOW acknowledge signal (ACK signal). When an acknowledge signal (ACK signal) is detected and a stop condition is not sent from the master ( µ-COM) side, the IC continues to output data. If an acknowledge signal (ACK signal) is not detected, the IC interrupts the data transfer and ceases reading operations after recognizing the stop condition (stop bit). The IC then enters the waiting or standby state. (See Fig.3 for acknowledge signal (ACK signal) response.) 1 8 9 SCL SDA SDA Start condition (start bit) Acknowledge signal (ACK signal) (from µ-COM) output data) ( µ−COM (IC output data) Fig.3 Acknowledge (ACK signal) response (during write and read slave address input) |
Similar Part No. - BR24E16F |
|
Similar Description - BR24E16F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |