Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1425AKV Datasheet(PDF) 1 Page - Rohm

Part # BU1425AKV
Description  NTSC / PAL digital RGB encoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1425AKV Datasheet(HTML) 1 Page - Rohm

  BU1425AKV Datasheet HTML 1Page - Rohm BU1425AKV Datasheet HTML 2Page - Rohm BU1425AKV Datasheet HTML 3Page - Rohm BU1425AKV Datasheet HTML 4Page - Rohm BU1425AKV Datasheet HTML 5Page - Rohm BU1425AKV Datasheet HTML 6Page - Rohm BU1425AKV Datasheet HTML 7Page - Rohm BU1425AKV Datasheet HTML 8Page - Rohm BU1425AKV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Multimedia ICs
NTSC / PAL digital RGB encoder
BU1425AK / BU1425AKV
The BU1425AK / BU1425AKV are ICs which convert digital RGB / YUV input to composite (NTSC / PAL / PAL60),
luminance (Y), and chrominance (C) signals, and outputs the results.
Applications
Video interfaces for VIDEO-CDs and CD-G decoders
Features
1) Input clocks supported
27.0 / 13.5MHz
28.636 / 14.318MHz
28.375 / 14.1875MHz
35.4695 / 17.73475MHz
2) 24-bit RGB and 16-bit YUV input signals are sup-
ported.
3) Both master and slave systems are supported.
4) 9-bit high-speed DAC is used for DAC output of
composite VIDEO, Y, and C signals.
5) Internal 8-color OSD output function is provided.
6) FSC-TRAP on the Y channel can be turned on and
off.
7) C channel is equipped with an internal chromi-
nance band-pass filter in addition to the U.V. low-
pass filter.
8) 5V single power supply, low power consumption
(0.4W typ.)
9) Y and C output can be turned off (the power con-
sumption with Y and C off is 0.25W typ.).
10) In the Master mode, applying 3.3V to the I / O VDD
and 5.0V to other VDDs produces HSY and VSY
output with an amplitude of 3.3V. This enables
direct connection to LSIs that use a power supply
voltage of 3.3V. (The clock output for the OSD has
a fixed amplitude of 5.0V.)
11) In the Slave mode, applying voltage to the I / O VDD
only, and applying 0V to other VDDs, enables a cur-
rent consumption of 0 even when RGB DATA,
HSY, VSY, and OSD DATA are in the active state.


Similar Part No. - BU1425AKV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
More results

Similar Description - BU1425AKV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
   PAL/NTSC DIGITAL ENCODER
October 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com