Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-3094-16AG Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # AE-3094-16AG
Description  2.50mm (.098) Pitch Header, Right Angle, Square Pin, 16 Circuits, Gold (Au) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

AE-3094-16AG Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  AE-3094-16AG Datasheet HTML 1Page - Molex Electronics Ltd. AE-3094-16AG Datasheet HTML 2Page - Molex Electronics Ltd. AE-3094-16AG Datasheet HTML 3Page - Molex Electronics Ltd. AE-3094-16AG Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - AE-3094-16AG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AE-3094-10A MOLEX2-AE-3094-10A Datasheet
243Kb / 5P
   2.50mm (.098) Pitch Header, Right Angle, Square Pin, 10 Circuits, Tin (Sn) Plating
More results

Similar Description - AE-3094-16AG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022051101 MOLEX2-0022051101 Datasheet
243Kb / 5P
   2.50mm (.098) Pitch Header, Right Angle, Square Pin, 10 Circuits, Tin (Sn) Plating
26-48-2162 MOLEX11-26-48-2162 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 16 Circuits, Gold (Au) Plating
0026482162 MOLEX3-0026482162 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 16 Circuits, Gold (Au) Plating
26-61-3160 MOLEX11-26-61-3160 Datasheet
64Kb / 2P
   KK짰 396 Header, Right-Angle, without Peg, 16 Circuits, Gold (Au) Plating
26-61-5160 MOLEX11-26-61-5160 Datasheet
68Kb / 2P
   KK짰 396 Header, Right-Angle with Friction Lock, 16 Circuits, Gold (Au) Plating
0473100001 MOLEX6-0473100001 Datasheet
108Kb / 3P
   2.50mm (.098") Pitch Pogo Pin Connector, SMT, Vertical, Contact Pin: 0.30um (12u") Gold (Au) Plating over
0039311045 MOLEX3-0039311045 Datasheet
84Kb / 3P
   2.50mm (.098") Pitch Wire-to-Board Header, Right Angle Friction Lock, Kinked Pin, 4 Circuits
0022031161 MOLEX2-0022031161 Datasheet
182Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 16 Circuits
41671-0038 MOLEX11-41671-0038 Datasheet
68Kb / 2P
   KK 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 16 Circuits, 0.76um Gold (Au) Selective Plating
0026613160 MOLEX3-0026613160 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 16 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com