Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2614FS Datasheet(PDF) 1 Page - Rohm

Part # BU2614FS
Description  PLL frequency synthesizer for tuners
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2614FS Datasheet(HTML) 1 Page - Rohm

  BU2614FS Datasheet HTML 1Page - Rohm BU2614FS Datasheet HTML 2Page - Rohm BU2614FS Datasheet HTML 3Page - Rohm BU2614FS Datasheet HTML 4Page - Rohm BU2614FS Datasheet HTML 5Page - Rohm BU2614FS Datasheet HTML 6Page - Rohm BU2614FS Datasheet HTML 7Page - Rohm BU2614FS Datasheet HTML 8Page - Rohm BU2614FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
116
Audio ICs
PLL frequency synthesizer for tuners
BU2614 / BU2614FS
The BU2614 PLL frequency synthesizers work up through the FM band. Featuring low radiation noise, low power dis-
sipation, and highly sensitive built-in RF amps, they support an IF count function.
FApplications
Tuners (Mini components, radio cassette players, radio
equipment, etc.)
FFeatures
1) Built-in high-speed prescaler can divide 130MHzVCO.
2) Reference oscillation of 75kHz keeps unnecessary
radiation noise to a low level.
3) Low current dissipation (during operation: 4mA, PLL
OFF 100
µA).
4) In addition to the standard FM and AM, also offers the
following 7 frequencies: 25kHz, 12.5kHz, 6.25kHz,
3.125kHz, 5kHz, 3kHz, and 1kHz.
5) Counter for measurement of intermediate frequen-
cies.
6) Unlock detection.
7) Three output ports (open drain).
The BU2615, with seven output ports, is also avail-
able.
8) Serial data input (CE, CK, DA).
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BU2614FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AF ROHM-BU2611AF Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AFS ROHM-BU2611AFS Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2615 ROHM-BU2615 Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
More results

Similar Description - BU2614FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Samsung semiconductor
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com