Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4015BF Datasheet(PDF) 4 Page - Rohm

Part # BU4015BF
Description  Dual 4-bit static shift register
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4015BF Datasheet(HTML) 4 Page - Rohm

  BU4015BF Datasheet HTML 1Page - Rohm BU4015BF Datasheet HTML 2Page - Rohm BU4015BF Datasheet HTML 3Page - Rohm BU4015BF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Standard ICs
BU4015B / BU4015BF
Measurement circuits
Q3
Q2
Q1
CL
R
DQ0
P. G. 2
P. G. 1
CL
VSS
VDD
CL
CL
CL
Fig.1 Switching characteristics measurement circuit
GND
CLOCK
RESET
D
Q0
20ns
20ns
tPHL
20ns
20ns
20ns
50%
50%
90%
10%
10%
20ns
tSU
tSU
tWH (R)
tWH
tWH
tTLH
tPLH
tTHL
50%
90%
10%
tPHL
Fig.2 Switching time measurement waveform
Electrical characterisistic curve
1200
1000
800
600
400
200
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta (
°C)
SOP16
DIP16
Fig.3 Power dissipation vs.
ambient temperature
External dimensions (Units: mm)
SOP16
BU4015B
BU4015BF
DIP16
0.4
± 0.1
1.27
0.15
0.3Min.
1
16
10.0
± 0.2
8
9
0.3 ± 0.1
9
16
8
1
0.5
± 0.1
19.4
± 0.3
2.54
0
° ~ 15°
7.62


Similar Part No. - BU4015BF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4015BF ROHM-BU4015BF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4015BF-E2 ROHM-BU4015BF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4015BFV ROHM-BU4015BFV Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4015BFV-E2 ROHM-BU4015BFV-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4015BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
   Dual 4-bit Static Shift Register
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B Datasheet
251Kb / 12P
   Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
   Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com