Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-23-2061 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 26-23-2061
Description  3.96mm (.156") Pitch KK짰
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-23-2061 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  26-23-2061 Datasheet HTML 1Page - Molex Electronics Ltd. 26-23-2061 Datasheet HTML 2Page - Molex Electronics Ltd. 26-23-2061 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 26-23-2061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-23-2021 MOLEX3-26-23-2021 Datasheet
94Kb / 3P
   3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 2 Circuits, Gold (Au) Plating
26-23-2031 MOLEX3-26-23-2031 Datasheet
95Kb / 3P
   3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 3 Circuits, Gold (Au) Plating
26-23-2041 MOLEX3-26-23-2041 Datasheet
95Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 4 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
26-23-2051 MOLEX3-26-23-2051 Datasheet
95Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 5 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
26-23-2071 MOLEX3-26-23-2071 Datasheet
94Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 7 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com