Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4052BC Datasheet(PDF) 2 Page - Rohm

Part # BU4052BC
Description  Dual 4-channel analog multiplexer / demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4052BC Datasheet(HTML) 2 Page - Rohm

  BU4052BC Datasheet HTML 1Page - Rohm BU4052BC Datasheet HTML 2Page - Rohm BU4052BC Datasheet HTML 3Page - Rohm BU4052BC Datasheet HTML 4Page - Rohm BU4052BC Datasheet HTML 5Page - Rohm BU4052BC Datasheet HTML 6Page - Rohm BU4052BC Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Standard ICs
BU4052BC / BU4052BCF / BU4052BCFV
Logic circuit diagram
Truth table
VDD (16)
INH (6)
A (10)
B (9)
X0 (12)
X1 (14)
X2 (15)
X3 (11)
VSS (8)
VEE (7)
(13) X
Y0 (1)
Y1 (5)
Y2 (2)
Y3 (4)
(3) Y
LEVEL
CONVERTER
BINARY TO 1of 4
DECODER WITH INH
INH
A
B
ON SWITCH
LL
L
X0 Y0
LH
L
X1 Y1
LL
H
X2 Y2
LH
H
X3 Y3
HX
X
NONE
X: Irrelevant
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage 2
VDD — VEE
V
Power dissipation
mW
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Input voltage
VIN
– 0.5 ~ VDD + 0.5
V
Pd
– 0.5 ~ + 20
Power supply voltage 1
VDD
V
– 0.5 ~ + 20
– 40 ~ + 85
– 55 ~ + 150
1000 (DIP), 500 (SOP), 400 (SSOP)


Similar Part No. - BU4052BC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4052BC ROHM-BU4052BC Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BC ROHM-BU4052BC Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BC ROHM-BU4052BC Datasheet
1Mb / 21P
   Dual 4ch Analog Multiplexer/Demultiplexer
logo
List of Unclassifed Man...
BU4052BC ETC2-BU4052BC Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4052BC-E2 ROHM-BU4052BC-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4052BC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com