Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38-00-1407 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 38-00-1407
Description  2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 17 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

38-00-1407 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  38-00-1407 Datasheet HTML 1Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 2Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 3Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 4Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 5Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 6Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 7Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 8Page - Molex Electronics Ltd. 38-00-1407 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0038001407
Status:
Active
Overview:
kk
Description:
2.54mm (.100") Pitch KK® PC Board Connector, Bottom Entry, with Cat Ear Terminal,
17 Circuits
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
Product Specification PS-99020-0088 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
4455
Application
Board-to-Board
Overview
kk
Product Name
KK®
Physical
Circuits (Loaded)
17
Color - Resin
Natural (White)
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Bottom Entry
PC Tail Length (in)
0.142 In
PC Tail Length (mm)
3.60 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to PCB
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
4455Series
Mates With
42153 KK® Wire-to-Board Header, 4094
KK® Wire-to-Board Header, 42376 KK®
Header, 42375 KK® Header, 42377 KK®
Header, 42152 KK® Wire-to-Board Header,
4030 KK® Wire-to-Board Header


Similar Part No. - 38-00-1407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38-00-1400 MOLEX3-38-00-1400 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 10 Circuits
38-00-1401 MOLEX3-38-00-1401 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 11 Circuits
38-00-1402 MOLEX3-38-00-1402 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 12 Circuits
38-00-1403 MOLEX3-38-00-1403 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 13 Circuits
38-00-1404 MOLEX3-38-00-1404 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com