Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-61-3180 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 26-61-3180
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 18 Circuits, Gold (Au) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-61-3180 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 26-61-3180 Datasheet HTML 2Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 3Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 4Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 5Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 6Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 7Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 8Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 9Page - Molex Electronics Ltd. 26-61-3180 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
41772-0622/0631
Group
41772-0632/0647
Group
41772-0648/0657
Group
41772-0663
Header No:
41770-0009/0018
Header No:
41770-0003/0018
Header No:
41770-0009/0018
Header No:
41770-0004
Pin No:
2161-70(102)
Pin No:
2161-24(102)
Pin No:
2161-45(102)
Pin No:
2161-45(154)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
154 – TIN
Pin Length L
23.24 / .915
Pin Length L
20.32 / .800
Pin Length L
20.85 / .821
Pin Length L
20.85 / .821
Mating
M
13.08 / .515
Mating
M
13.08 / .515
Mating
M
13.08 / .515
Mating
M
10.16 / .400
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Height
Y
4.95 / .195
Height
Y
1.98 / .078
Height
Y
2.54 / .100
Height
Y
4.95 / .195
PC Tail
P
3.18 / .125
PC Tail
P
3.18 / .125
PC Tail
P
3.18 / .125
PC Tail
P
3.71 / .146
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
5, 8, 9
Voided Ckts
3
Voided Ckts
5, 8, 9
Voided Ckts
NONE
Pack Per
PK-41772-001
Pack Per
PK-41772-001
Pack Per
PK-41772-001
Pack Per
PK-41772-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
3
41772-0632
4
41772-0633
41772-0663
41772-0663
5
41772-0634
6
41772-0635
7
41772-0636
41772-0636
8
41772-0637
9
41772-0622
41772-0638
41772-0648
10
41772-0623
41772-0639
41772-0649
11
41772-0624
41772-0640
41772-0650
12
41772-0625
41772-0641
41772-0651
13
41772-0626
41772-0642
41772-0652
14
41772-0627
41772-0627
41772-0643
41772-0653
41772-0653
15
41772-0628
41772-0644
41772-0654
16
41772-0629
41772-0645
41772-0655
17
41772-0630
41772-0646
41772-0656
18
41772-0631
41772-0647
41772-0657


Similar Part No. - 26-61-3180

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-61-3180 MOLEX11-26-61-3180 Datasheet
64Kb / 2P
   KK짰 396 Header, Right-Angle, without Peg, 18 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com