Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4094BC Datasheet(PDF) 4 Page - Rohm

Part # BU4094BC
Description  8-bit compatible shift / store register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4094BC Datasheet(HTML) 4 Page - Rohm

  BU4094BC Datasheet HTML 1Page - Rohm BU4094BC Datasheet HTML 2Page - Rohm BU4094BC Datasheet HTML 3Page - Rohm BU4094BC Datasheet HTML 4Page - Rohm BU4094BC Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Standard ICs
BU4094BC / BU4094BCF / BU4094BCFV
Measurement circuits
50pF
OUTPUT
GND
P.G.
CLOCK
DATA
STROBE
OUTPUT
ENABLE
Fig. 1 Switching waveform
OUTPUT
GND
P.G.
CLOCK
DATA
STROBE
OUTPUT
ENABLE
1k
50pF
SW
VDD
A
B
A: tPLZ, tPZL
B: tPHZ, tPZH
Fig. 2 3-state delay time
90%
90%
50%
50%
50%
50%
50%
10%
tr
tf
50%
50%
tW
tH
tSU
50%
50%
50%
50%
50%
tWH
90%
50%
10%
10%
90%
90%
10%
50%
90%
10%
50%
50%
50%
50%
tPLH
tPHL
tPLH
tPLH
tPHL
50%
tPLH
tPHZ
tPLZ
tPZL
tPZH
tTLH
tTHL
tPHL
CLOCK
DATA
STROBE
OUTPUT
ENABLE
Q1 ~ Q8
Qs
Q's
Fig. 3 Switching time test waveform
Electrical characteristic curve
1200
1000
800
600
400
200
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta (
°C)
SOP16
SSOP - B16
DIP16
Fig. 4 Power dissipation vs.
ambient temperature


Similar Part No. - BU4094BC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4094BC ROHM-BU4094BC Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4094BC ROHM-BU4094BC Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
BU4094BC-E2 ROHM-BU4094BC-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4094BC-E2 ROHM-BU4094BC-E2 Datasheet
1Mb / 23P
   8bit Static Shift/Store Register
BU4094BCF ROHM-BU4094BCF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4094BC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
U74HCT4094 UTC-U74HCT4094 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com