Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4551B Datasheet(PDF) 5 Page - Rohm

Part # BU4551B
Description  Quad 2-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4551B Datasheet(HTML) 5 Page - Rohm

  BU4551B Datasheet HTML 1Page - Rohm BU4551B Datasheet HTML 2Page - Rohm BU4551B Datasheet HTML 3Page - Rohm BU4551B Datasheet HTML 4Page - Rohm BU4551B Datasheet HTML 5Page - Rohm BU4551B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Standard ICs
BU4551B / BU4551BF / BU4551BFV
GND
CONT
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
VDD
OUT
CL
P.G.
RL
50%
50%
10%
tPZL
tPLZ
Input
Output
Fig. 6 Propagation delay time (CONT, INH to OUT)
VEE
GND
VDD or GND
CONT
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
CL
RL
V
~
D
~
Fig. 7 Maximum propagation frequency,
feedthrough attenuation, sine wave
distortion
VEE
VEE
GND
Electrical characteristic curve
AMBIENT TEMPERATURE: Ta (
°C)
1200
DIP16
SOP16
1000
800
600
400
200
0
025
50
75
100
125
150
SSOP-B16
Fig. 8 Power dissipation vs.
ambient temperature


Similar Part No. - BU4551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
1Mb / 20P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
1Mb / 20P
   Quad 2ch Analog Multiplexer/Demultiplexer
More results

Similar Description - BU4551B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com