Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42249-14A Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42249-14A
Description  2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 14 Circuits, White
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42249-14A Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42249-14A Datasheet HTML 1Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 2Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 3Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 4Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 5Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42249-14A
Reference - Drawing Numbers
Application Specification
AS-42249-001
Product Specification
PS-42219-0001
Sales Drawing
SDA-42249-*
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42249-14A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42249-14A MOLEX11-42249-14A Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 14 Circuits, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com