Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S584 Datasheet(PDF) 3 Page - Rohm

Part # BU4S584
Description  Single Schmitt trigger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S584 Datasheet(HTML) 3 Page - Rohm

  BU4S584 Datasheet HTML 1Page - Rohm BU4S584 Datasheet HTML 2Page - Rohm BU4S584 Datasheet HTML 3Page - Rohm BU4S584 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Standard ICs
BU4S584
Parameter
Symbol Min. Typ.
Max.
Unit
Measurement
circuit
tTLH
70
ns
5
Fig.2
35
ns
10
30
ns
15
tTHL
70
ns
5
35
ns
10
30
ns
15
tPLH
125
ns
5
60
ns
10
50
ns
15
tPHL
125
ns
5
60
ns
10
50
ns
15
Conditions
VDD (V)
Output rise time
Output fall time
Propagation delay time, “L” to “H”
Propagation delay time, “H” to “L”
Switching characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C, CL = 50pF)
Measurement circuits
V
A
VDD
VSS
Fig.1 DC characteristics measurement circuit
VDD
VSS
P.G.
CL
tTHL
tTLH
20ns
20ns
90%
50%
10%
90%
50%
10%
tPLH
tPHL
Input
Output
Fig.2 Switching characteristics measurement circuit


Similar Part No. - BU4S584

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S584G2 ROHM-BU4S584G2 Datasheet
152Kb / 5P
   Single Schmitt inverter
BU4S584G2 ROHM-BU4S584G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S584G2 ROHM-BU4S584G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S584G2 ROHM-BU4S584G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S584G2 ROHM-BU4S584G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S584

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com