Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-48-5021 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 26-48-5021
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating, Pin length 20.85mm (.821")
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-48-5021 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 26-48-5021 Datasheet HTML 5Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 6Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 7Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 8Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 9Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 10Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 11Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 12Page - Molex Electronics Ltd. 26-48-5021 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-45(102)
PIN NUMBER
2161-45(501)
PIN NUMBER
2161-40(102)
PIN NUMBER
2161-21(501)
PIN LENGTH
20.85/.821
PIN LENGTH
20.85/.821
PIN LENGTH
48.26/1.900
PIN LENGTH
28.58/1.125
PLATING
102
PLATING
501
PLATING
102
PLATING
501
MATING “M”
13.23/.521
MATING “M”
13.23/.501
MATING “M”
43.18/1.700
MATING “M”
22.53/.887 REF
PCB “P”
4.37/.172
PCB “P”
4.37/.172
PCB “P”
1.83/.072
PCB “P”
2.79+-.51/.110+-.020
GOLD “G”
N/A
GOLD “G”
OVERALL
GOLD “G”
N/A
GOLD “G”
OVERALL
TIN “T”
OVERALL
TIN “T”
N/A
TIN
“T”
OVERALL
TIN
“T”
N/A
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANB102-*
A-41661-ANB501-*
A-41661-ANAW102-*
A-41661-ANV501-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-48-6021
-A2B102
26-48-5021
-A2B501
26-58-5024
-A2AW102
41661-0315
-A2V501
26-48-6031
-A3B102
26-48-5031
-A3B501
26-58-5034
-A3AW102
41661-0316
-A3V501
26-48-6041
-A4B102
26-48-5041
-A4B501
26-58-5044
-A4AW102
41661-0317
-A4V501
26-48-6051
-A5B102
26-48-5051
-A5B501
26-58-5054
-A5AW102
41661-0318
-A5V501
26-48-6061
-A6B102
26-48-5061
-A6B501
26-58-5064
-A6AW102
26-48-5068
-A6V501
26-48-6071
-A7B102
26-48-5071
-A7B501
26-58-5074
-A7AW102
41661-0319
-A7V501
26-48-6081
-A8B102
26-48-5081
-A8B501
26-58-5084
-A8AW102
26-48-5088
-A8V501
26-48-6091
-A9B102
26-48-5091
-A9B501
26-58-5094
-A9AW102
41661-0320
-A9V501
26-48-6101
-A10B102
26-48-5101
-A10B501
26-58-5104
-A10AW102
41661-0321
-A10V501
26-48-6111
-A11B102
26-48-5111
-A11B501
26-58-5114
-A11AW102
41661-0322
-A11V501
26-48-6121
-A12B102
26-48-5121
-A12B501
26-58-5124
-A12AW102
41661-0323
-A12V501
26-48-6131
-A13B102
26-48-5131
-A13B501
26-58-5134
-A13AW102
41661-0324
-A13V501
26-48-6141
-A14B102
26-48-5141
-A14B501
26-58-5144
-A14AW102
41661-0325
-A14V501
26-48-6151
-A15B102
26-48-5151
-A15B501
26-58-5154
-A15AW102
41661-0326
-A15V501
26-48-6161
-A16B102
26-48-5161
-A16B501
26-58-5164
-A16AW102
41661-0327
-A16V501
26-48-6171
-A17B102
26-48-5171
-A17B501
26-58-5174
-A17AW102
41661-0328
-A17V501
26-48-6181
-A18B102
26-48-5181
-A18B501
26-58-5184
-A18AW102
41661-0329
-A18V501
26-48-6191
-A19B102
26-48-5191
-A19B501
26-58-5194
-A19AW102
41661-0330
-A19V501
26-48-6201
-A20B102
26-48-5201
-A20B501
26-58-5204
-A20AW102
41661-0331
-A20V501
26-48-6211
-A21B102
26-48-5211
-A21B501
26-58-5214
-A21AW102
41661-0332
-A21V501
26-48-6221
-A22B102
26-48-5221
-A22B501
26-58-5224
-A22AW102
41661-0333
-A22V501
26-48-6231
-A23B102
26-48-5231
-A23B501
26-58-5234
-A23AW102
41661-0334
-A23V501
26-48-6241
-A24B102
26-48-5241
-A24B501
26-58-5244
-A24AW102
41661-0335
-A24V501


Similar Part No. - 26-48-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-5021 MOLEX11-26-48-5021 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 2 Circuits, Tin (Sn) Plating, Pin length 20.85mm (.821")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com