Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145202EVK Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC145202EVK
Description  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202EVK Datasheet(HTML) 5 Page - Motorola, Inc

  MC145202EVK Datasheet HTML 1Page - Motorola, Inc MC145202EVK Datasheet HTML 2Page - Motorola, Inc MC145202EVK Datasheet HTML 3Page - Motorola, Inc MC145202EVK Datasheet HTML 4Page - Motorola, Inc MC145202EVK Datasheet HTML 5Page - Motorola, Inc MC145202EVK Datasheet HTML 6Page - Motorola, Inc MC145202EVK Datasheet HTML 7Page - Motorola, Inc MC145202EVK Datasheet HTML 8Page - Motorola, Inc MC145202EVK Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MC145192EVK
• MC145202EVK
5
MOTOROLA
design simple, reduce noise, and reduce the quantity of traces susceptible to stray pickup. About 56 dB
rejection of fundamental and 23 dB gain is provided by the harmonic filter amplifier. This allows the ’202
to lock at 1466 – 1486 MHz.
A single VCO model is used for both boards. It is an internal Motorola part which is not sold for other
applications. The ’192 operates at half the output frequency and step size of the ’202. This allows the
same loop filter components to be used. RF is fed to the PLL chip Fin input through voltage dividers R14
and R10. These two resistors terminate the PLL chip RF input with 50 ohms and provide isolation.
Both boards use a phase detector current of 2 mA. J1 and J2 are removable jumpers and cut traces.
They are used as connection points for a current measurement of VPD or VCC. A potentiometer VR1 is
used to set M2 (14.4 MHz TCXO) on frequency.
COMPONENTS UNIQUE TO EACH EVK
Components that are not the same on all EVKs are given in the following table:
’192EVK
’202EVK
U1
MC145192
MC145202
R2
18 k
3.9 k
R8
0
Not Used
C22
Not Used
1.0 pF
J3
3 V
5 V
EXTERNAL REFERENCE INPUT
As shipped, all boards are configured for a 14.4 MHz TCXO (supplied). To use an external reference,
disconnect J13 and connect J9. Use a reference signal at J10 which complies with data sheet require-
ments. Then modify the reference frequency in the program main menu to reflect the changes made ( [F]
menu item ).
DATA TRANSFER FROM COMPUTER TO EVK
To control the serial input EVK with the parallel printer port, a conversion is done. Printer cards are de-
signed to output eight bits through eight lines. A bit mask is used to obtain the bit combination for the
three required output lines (Data, Clock, Load). As bytes are sent to the printer card in sequence, it ap-
pears to be a serial transfer. The printer port is used because data transfer using the serial port is much
slower. A standard IBM PC can support a parallel port data rate of 4.77 MHz.
IBM PCs and compatibles can accept up to three printer port cards. These ports are called LPT1, LPT2,
and LPT3. Each printer card has jumpers or DIP switches on it to set a unique address. Two sets of
addresses are in common use. One set applies to IBM PC XT, AT, and clones. The other is for the PS 2
line. To load data into the EVK, the correct address must be selected. The program default is $278, which
is LPT1 in a clone. If $278 is not the address in use, it must be modified by entering the O menu item in
the main menu. All allowed addresses given in hexadecimal are as follows:
Label
IBM PC and Clones
PS 2
LPT1
278
3BC
LPT2
378
378
LPT3
3BC
278


Similar Part No. - MC145202EVK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

Similar Description - MC145202EVK

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com