Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S71 Datasheet(PDF) 2 Page - Rohm

Part # BU4S71
Description  Single OR gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S71 Datasheet(HTML) 2 Page - Rohm

  BU4S71 Datasheet HTML 1Page - Rohm BU4S71 Datasheet HTML 2Page - Rohm BU4S71 Datasheet HTML 3Page - Rohm BU4S71 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BU4S71
Parameter
Symbol
Min.
Typ.
Max.
Unit
Measurement
circuit
VDD (V)
VIH
3.5
2.75
V5
| IOUT | < 1
µA
Fig.1
7.0
5.5
V10
11.0
8.25
V15
VIL
2.25
1.5
V
5
| IOUT | < 1
µA
4.5
3.0
V
10
6.75
4.0
V
15
IIH
——
0.3
µAVIH = 18V
IIL
——
– 0.3
µAVIL = 0V
VOH
4.95
5.0
V5
| IOUT | < 1
µA
9.95
10.0
V10
14.95
15.0
V15
VOL
——
0.05
V
5
| IOUT | < 1
µA
VIN = VSS
——
0.05
V
10
——
0.05
V
15
IOH
– 0.51
– 1.0
mA
5
VOH = 4.6V
– 2.1
– 4.0
mA
5
VOH = 2.5V
– 1.3
– 2.2
mA
10
VOH = 9.5V
– 3.4
– 9.0
mA
VOH = 13.5V
IOL
0.51
1.2
mA
5
VOL = 0.4V
1.3
3.2
mA
10
VOL = 0.5V
3.4
12.0
mA
15
VOL = 1.5V
IDD
0.001
0.25
µA5
0.001
0.5
µA10
0.002
1.0
µA15
Conditions
18
18
VIN = VSS or VDD
15
VIN = VSS or VDD
Input high level voltage
Input low level voltage
Input high level current
Input low level current
Output high level voltage
Output low level voltage
Output high level current
Output low level current
Static current dissipation
Electrical characteristics
DC characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C)


Similar Part No. - BU4S71

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S71G2 ROHM-BU4S71G2 Datasheet
149Kb / 5P
   single OR gate
BU4S71G2 ROHM-BU4S71G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2 ROHM-BU4S71G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2 ROHM-BU4S71G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2 ROHM-BU4S71G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S71

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S71G2 ROHM-BU4S71G2 Datasheet
149Kb / 5P
   single OR gate
logo
STMicroelectronics
74V1T86 STMICROELECTRONICS-74V1T86 Datasheet
49Kb / 7P
   SINGLE EXCLUSIVE OR GATE
74V1G86 STMICROELECTRONICS-74V1G86_04 Datasheet
112Kb / 9P
   SINGLE EXCLUSIVE OR GATE
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
50Kb / 7P
   SINGLE EXCLUSIVE OR GATE
74LX1G86 STMICROELECTRONICS-74LX1G86 Datasheet
119Kb / 10P
   SINGLE EXCLUSIVE OR GATE
74V1T86 STMICROELECTRONICS-74V1T86_04 Datasheet
111Kb / 9P
   SINGLE EXCLUSIVE OR GATE
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com