Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-4455-CZ09C Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-4455-CZ09C
Description  2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 9 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-4455-CZ09C Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-4455-CZ09C Datasheet HTML 1Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 2Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 3Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 4Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 5Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 6Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 7Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 8Page - Molex Electronics Ltd. A-4455-CZ09C Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-4455- * * N *
* - *
ASSY PROCEDURE
A=RIGHT ANGLE
B=BOTTOM ENTRY
C=TOP ENTRY
HOUSING TYPE
A=4455-AN
B=4455-BN
E=4455-NHH
H=4455-N2
P=4455-NR (HOOKS CUT OFF)
R=4455-NR
W=4455-N-2 (HOOKS CUT OFF)
Y=4455-N (HOOKS CUT OFF)
Z=4455-N
NO OF CIRCUITS
TERMINAL TYPE
VOID LOCATION
NUMBER = CIRCUIT VOIDED
MULTIPLE VOIDS START
WITH 51
BLANK = NONE
PLATING
(SEE SHEET 1)
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-N
Housing No:
4455-N
Terminal No:
4316-4(P909)
Terminal No:
4316-4(565)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
P909
Plating:
565
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
2
22-15-2026
A-4455-AZ02A(P909)
22-16-2021
A-4455-AZ02A(565)
3
22-15-2036
A-4455-AZ03A(P909)
22-16-2031
A-4455-AZ03A(565)
4
22-15-2046
A-4455-AZ04A(P909)
22-16-2041
A-4455-AZ04A(565)
5
22-15-2056
A-4455-AZ05A(P909)
22-16-2051
A-4455-AZ05A(565)
6
22-15-2066
A-4455-AZ06A(P909)
22-16-2061
A-4455-AZ06A(565)
7
22-15-2076
A-4455-AZ07A(P909)
22-16-2071
A-4455-AZ07A(565)
8
22-15-2086
A-4455-AZ08A(P909)
22-16-2081
A-4455-AZ08A(565)
9
22-15-2096
A-4455-AZ09A(P909)
22-16-2091
A-4455-AZ09A(565)
10
22-15-2106
A-4455-AZ10A(P909)
22-16-2101
A-4455-AZ10A(565)
11
22-15-2116
A-4455-AZ11A(P909)
22-16-2111
A-4455-AZ11A(565)
12
22-15-2126
A-4455-AZ12A(P909)
22-16-2121
A-4455-AZ12A(565)
13
22-15-2136
A-4455-AZ13A(P909)
22-16-2131
A-4455-AZ13A(565)
14
22-15-2146
A-4455-AZ14A(P909)
22-16-2141
A-4455-AZ14A(565)
15
22-15-2156
A-4455-AZ15A(P909)
22-16-2151
A-4455-AZ15A(565)
16
22-15-2166
A-4455-AZ16A(P909)
22-16-2161
A-4455-AZ16A(565)
17
22-15-2176
A-4455-AZ17A(P909)
22-16-2171
A-4455-AZ17A(565)
18
22-15-2186
A-4455-AZ18A(P909)
22-16-2181
A-4455-AZ18A(565)
19
22-15-2196
A-4455-AZ19A(P909)
22-16-2191
A-4455-AZ19A(565)
20
22-15-2206
A-4455-AZ20A(P909)
22-16-2201
A-4455-AZ20A(565)
21
22-15-2216
A-4455-AZ21A(P909)
22-16-2211
A-4455-AZ21A(565)
22
22-15-2226
A-4455-AZ22A(P909)
22-16-2221
A-4455-AZ22A(565)
23
22-15-2236
A-4455-AZ23A(P909)
22-16-2231
A-4455-AZ23A(565)
24
22-15-2246
A-4455-AZ24A(P909)
22-16-2241
A-4455-AZ24A(565)
25
22-15-2256
A-4455-AZ25A(P909)
22-16-2251
A-4455-AZ25A(565)
Code
Number
Material
Form
A
4316-4
Brass
Standard
B
6516-4
Phos Bronze
Standard
C
6516-5C
Phos Bronze
Cat Ear / V
D
4316-3B
Brass
Std / V
F
6516-6C
Phos Bronze
Cat Ear / V
G
4316-3
Brass
Standard
J
6516-3B
Phos Bronze
Std / V
L
6516-3C
Phos Bronze
Cat Ear / V
M
6516-4A
Phos Bronze
Cat Ear
S
30432-0200
Phos Bronze
Humpback
T
4316-4A
Brass
Cat Ear
STANDARD PRODUCT


Similar Part No. - A-4455-CZ09C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-4455-CZ09A MOLEX2-A-4455-CZ09A Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal 0.50關m (20關) Gold (Au), 9 Circuits, With Hooks
A-4455-CZ09A MOLEX2-A-4455-CZ09A Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 9 Circuits, With Hooks
A-4455-CZ09A MOLEX2-A-4455-CZ09A Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m (15關) Gold (Au), 9 Circuits, With Hooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com