Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41671-A15A102 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-41671-A15A102
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 15 Circuits, Tin (Sn) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41671-A15A102 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-41671-A15A102 Datasheet HTML 1Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 2Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 3Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 4Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 5Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 6Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 7Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 8Page - Molex Electronics Ltd. A-41671-A15A102 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-ANA102
Group No:
A-41671-CNA208
Group No:
A-41671-CNA228
Pin No:
2161-1 (102)
Pin No:
43294-0236
Pin No:
43294-0237
Plating:
102 TIN
Plating:
208 15 GOLD
Plating:
228 30 GOLD
Pin Length
L
.750 / 19.05
Pin Length
L
.750 / 19.05
Pin Length
L
.750 / 19.05
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Gold Loc
G
NA
Gold Loc
G
.270 / 6.86
Gold Loc
G
.270 / 6.86
PC Tail
P
.172 / 4.37
PC Tail
P
.172 / 4.37
PC Tail
P
.172 / 4.37
Tin Loc
T
OVERALL
Tin Loc
T
.160 / 4.06
Tin Loc
T
.160 / 4.06
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-48-1025
A-41671-A02A102
41671-0001
A-41671-C02A208
41671-0024
A-41671-C02A228
3
26-48-1035
A-41671-A03A102
41671-0002
A-41671-C03A208
41671-0025
A-41671-C03A228
4
26-48-1045
A-41671-A04A102
41671-0003
A-41671-C04A208
41671-0026
A-41671-C04A228
5
26-48-1055
A-41671-A05A102
41671-0004
A-41671-C05A208
41671-0027
A-41671-C05A228
6
26-48-1065
A-41671-A06A102
41671-0005
A-41671-C06A208
41671-0028
A-41671-C06A228
7
26-48-1075
A-41671-A07A102
41671-0006
A-41671-C07A208
41671-0029
A-41671-C07A228
8
26-48-1085
A-41671-A08A102
41671-0007
A-41671-C08A208
41671-0030
A-41671-C08A228
9
26-48-1095
A-41671-A09A102
41671-0008
A-41671-C09A208
41671-0031
A-41671-C09A228
10
26-48-1105
A-41671-A10A102
41671-0009
A-41671-C10A208
41671-0032
A-41671-C10A228
11
26-48-1115
A-41671-A11A102
41671-0010
A-41671-C11A208
41671-0033
A-41671-C11A228
12
26-48-1125
A-41671-A12A102
41671-0011
A-41671-C12A208
41671-0034
A-41671-C12A228
13
26-48-1135
A-41671-A13A102
41671-0012
A-41671-C13A208
41671-0035
A-41671-C13A228
14
26-48-1145
A-41671-A14A102
41671-0013
A-41671-C14A208
41671-0036
A-41671-C14A228
15
26-48-1155
A-41671-A15A102
41671-0014
A-41671-C15A208
41671-0037
A-41671-C15A228
16
26-48-1165
A-41671-A16A102
41671-0015
A-41671-C16A208
41671-0038
A-41671-C16A228
17
26-48-1175
A-41671-A17A102
41671-0016
A-41671-C17A208
41671-0039
A-41671-C17A228
18
26-48-1185
A-41671-A18A102
41671-0017
A-41671-C18A208
41671-0040
A-41671-C18A228
19
26-48-1195
A-41671-A19A102
41671-0018
A-41671-C19A208
41671-0041
A-41671-C19A228
20
26-48-1205
A-41671-A20A102
41671-0019
A-41671-C20A208
41671-0042
A-41671-C20A228
21
26-48-1215
A-41671-A21A102
41671-0020
A-41671-C21A208
41671-0043
A-41671-C21A228
22
26-48-1225
A-41671-A22A102
41671-0021
A-41671-C22A208
41671-0044
A-41671-C22A228
23
26-48-1235
A-41671-A23A102
41671-0022
A-41671-C23A208
41671-0045
A-41671-C23A228
24
26-48-1245
A-41671-A24A102
41671-0023
A-41671-C24A208
41671-0046
A-41671-C24A228
STD TIN CATALOG PRODUCT
STD 15 GOLD CATALOG PRODUCT
STD 30 GOLD CATALOG PRODUCT


Similar Part No. - A-41671-A15A102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41671-A15A197 MOLEX11-A-41671-A15A197 Datasheet
68Kb / 2P
   KK짰 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 15 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com