Electronic Components Datasheet Search |
|
BU8871F Datasheet(PDF) 6 Page - Rohm |
|
BU8871F Datasheet(HTML) 6 Page - Rohm |
6 / 12 page 185 Communication ICs BU8871F FCircuit operation (1) An overview of operation A DTMF signal is supplied to the INPUT pin and applied to a pair of 6th-order bandpass filters, which separate the DTMF signal into its high (COL) and low (ROW) frequen- cies. The separated tones are converted into square waves and fed to a digital detector. (See the block dia- gram.) The digital detector checks the two tones to see if they are within the valid DTMF frequency bands. If they are, it sends a DETECT signal to the steering circuit, and sends the appropriate column and row address signals to a code converter. The code converter encodes the received and detected DTMF signal, and outputs an ENABLE signal to the steering circuit. Based on the DETECT and ENABLE signals, the steer- ing circuit outputs an Early Steering (ESt) signal, which sets the ESt pin to HIGH, indicating that a valid DTMF signal has been detected. If a series of pulses is input at the ACK pin while ESt is HIGH, a decoded DTMF signal is output to the SD pin as a binary code. (See Figure 3 for the overall timing.) If a pulse sequence is input at the ACK pin, the data is latched at the rising edge of the first pulse by a parallel- serial converter, and at the same time, the LSB is output from the SD pin. Following this, three bits of data are out- put from the SD pin for each bit of each pulse in the pulse sequence input from the ACK pin. As a result, a total of four bits of data are output for the four pulses. (See Fig- ure 4 for the ACK and SD timing.) If the pulse sequence input to the ACK pin consists of three or fewer pulses, the next DTMF input cannot be de- coded properly. Any ACK pulses in excess of four are ig- nored until ESt goes HIGH again. Table 1 shows the format of serial data output from the SD pin. (2) Overall timing chart (3) ACK and SD timing |
Similar Part No. - BU8871F |
|
Similar Description - BU8871F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |