Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9255FS Datasheet(PDF) 3 Page - Rohm

Part # BU9255FS
Description  KARAOKE echo IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9255FS Datasheet(HTML) 3 Page - Rohm

  BU9255FS Datasheet HTML 1Page - Rohm BU9255FS Datasheet HTML 2Page - Rohm BU9255FS Datasheet HTML 3Page - Rohm BU9255FS Datasheet HTML 4Page - Rohm BU9255FS Datasheet HTML 5Page - Rohm BU9255FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Multimedia ICs
BU9253AS / BU9253FS / BU9255FS
Electrical characteristics (Ta = 25°C, VCC = 5.0V, fCLK = 375kHz, f = 1kHz, VI = - 10dBV, pin 2 = VCC, pin 15 = VCC,
distortion = 400Hz ~ 30kHz filter, output noise voltage : DIN-AUDIO)
*Pin No. are for BU9253FS , BU9255FS and BU9253AS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VOM2
1.4
1.7
Vrms
VNO2
– 90
– 80
dBV
GV2
– 1
0
1
dB
GV1
– 5.6
– 3.5
– 1.4
dB
fC
375
kHz
VL
0
0.7
V
VM
1.6
2.8
V
VH
3.8
5.0
V
VOM1
1.4
1.7
Vrms
VNO1
– 80
– 60
dBV
THD2
0.02
0.1
%
THD1
1.5
3
%
ICC
6
12
mA
Current consumption
Voltage gain 1
Voltage gain 2
Output distortion 1
Output distortion 2
Output noise voltage 1
Output noise voltage 2
Max. output voltage 1
Max. output voltage 2
Mute control
Oscillation frequency
No signal
Delay total gain
IN1
→OUT
Through total gain
IN2
→OUT, pin2 = ground
Delay side
Through,
pin2 = ground
Delay,
Rg = 1k
Through side
Rg = 1k
Ω, pin2 = ground
Delay,
THD = 10%
Through side, THD = 1
%
Pin 2
= ground
H mode hold voltage, pin 15 DC
M mode hold voltage, pin 15 DC
L mode hold voltage, pin 15 DC


Similar Part No. - BU9255FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9252F ROHM-BU9252F Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
BU9253AS ROHM-BU9253AS Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9253AS-E2 ROHM-BU9253AS-E2 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9253AS ROHM-BU9253AS_05 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
More results

Similar Description - BU9255FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9253AS ROHM-BU9253AS_05 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
List of Unclassifed Man...
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
   ECHO PROCESSOR IC
logo
Princeton Technology Co...
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
   Echo Processor IC
PT2399 PTC-PT2399 Datasheet
81Kb / 5P
   Echo Processor IC
logo
Toshiba Semiconductor
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com