Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42377-0148 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 42377-0148
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42377-0148 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 42377-0148 Datasheet HTML 3Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 4Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 5Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 6Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 7Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 8Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 9Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 10Page - Molex Electronics Ltd. 42377-0148 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0212/0246
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BCB208
PIN LENGTH: L
.565/14.35
MATING LENGTH: M
.244/6.20
GOLD POINT: G
.100/2.54
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
. 135/3.43
TIN: T
. 135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9022 42377-0212
20
22-28-9202 42377-0230
03
22-28-9032 42377-0213
21
22-28-9212 42377-0231
04
22-28-9042 42377-0214
22
22-28-9222 42377-0232
05
22-28-9052 42377-0215
23
22-28-9232 42377-0233
06
22-28-9062 42377-0216
24
22-28-9242 42377-0234
07
22-28-9072 42377-0217
25
22-28-9252 42377-0235
08
22-28-9082 42377-0218
26
22-28-9262 42377-0236
09
22-28-9092 42377-0219
27
22-28-9272 42377-0237
10
22-28-9102 42377-0220
28
22-28-9282 42377-0238
11
22-28-9112 42377-0221
29
22-28-9292 42377-0239
12
22-28-9122 42377-0222
30
22-28-9302 42377-0240
13
22-28-9132 42377-0223
31
22-28-9312 42377-0241
14
22-28-9142 42377-0224
32
22-28-9322 42377-0242
15
22-28-9152 42377-0225
33
22-28-9332 42377-0243
16
22-28-9162 42377-0226
34
22-28-9342 42377-0244
17
22-28-9172 42377-0227
35
22-28-9352 42377-0245
18
22-28-9182 42377-0228
36
22-28-9362 42377-0246
19
22-28-9192 42377-0229
A-42377-0247-0281
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BXB208
PIN LENGTH: L
.645/16.38
MATING LENGTH: M
.324/8.23
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9023
42377-0247
20
22-28-9203 42377-0265
03
22-28-9033
42377-0248
21
22-28-9213 42377-0266
04
22-28-9043
42377-0249
22
22-28-9223 42377-0267
05
22-28-9053
42377-0250
23
22-28-9233 42377-0268
06
22-28-9063
42377-0251
24
22-28-9243 42377-0269
07
22-28-9073
42377-0252
25
22-28-9253 42377-0270
08
22-28-9083
42377-0253
26
22-28-9263 42377-0271
09
22-28-9093
42377-0254
27
22-28-9273 42377-0272
10
22-28-9103
42377-0255
28
22-28-9283 42377-0273
11
22-28-9113
42377-0256
29
22-28-9293 42377-0274
12
22-28-9123
42377-0257
30
22-28-9303 42377-0275
13
22-28-9133
42377-0258
31
22-28-9313 42377-0276
14
22-28-9143
42377-0259
32
22-28-9323 42377-0277
15
22-28-9153
42377-0260
33
22-28-9333 42377-0278
16
22-28-9163
42377-0261
34
22-28-9343 42377-0279
17
22-28-9173
42377-0262
35
22-28-9353 42377-0280
18
22-28-9183
42377-0263
36
22-28-9363 42377-0281
19
22-28-9193
42377-0264


Similar Part No. - 42377-0148

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0148 MOLEX11-42377-0148 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com