Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9877FV Datasheet(PDF) 3 Page - Rohm

Part # BU9877FV
Description  Serial interface IC for DIMMs supporting plug & play
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9877FV Datasheet(HTML) 3 Page - Rohm

  BU9877FV Datasheet HTML 1Page - Rohm BU9877FV Datasheet HTML 2Page - Rohm BU9877FV Datasheet HTML 3Page - Rohm BU9877FV Datasheet HTML 4Page - Rohm BU9877FV Datasheet HTML 5Page - Rohm BU9877FV Datasheet HTML 6Page - Rohm BU9877FV Datasheet HTML 7Page - Rohm BU9877FV Datasheet HTML 8Page - Rohm BU9877FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Memory ICs
BU9877FV
Measurement circuits
VCC
VCC
VOL
Data set when output is LOW
3.0mA
GND
V
SDA
Fig. 1 LOW output voltage measurement circuit
VCC
VOUT = 0 ~ VCC
VIN = 0 ~ VCC
ILO
ILI
VCC
GND
A
A0, A1, A2
SDA, SCL, WP
Fig. 2 Input / output leakage current measurement circuit
VCC
ICC
VCC
VCC
GND
A
SDA
WP
SCL
100kHz clock
Write / read input
A0, A1, A2
Fig. 3 Current consumption measurement circuit
VCC
VCC
ISB
VCC
GND
A
SDA
WP
SCL
A0, A1, A2
Fig. 4 Standby current measurement circuit


Similar Part No. - BU9877FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9873 ROHM-BU9873 Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
BU9873F-GTE2 ROHM-BU9873F-GTE2 Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
BU9873FJ-GTE2 ROHM-BU9873FJ-GTE2 Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
BU9873FVM-GTTR ROHM-BU9873FVM-GTTR Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
BU9873FVT-GE2 ROHM-BU9873FVT-GE2 Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
More results

Similar Description - BU9877FV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
USBMOD1 ETC2-USBMOD1 Datasheet
117Kb / 5P
   USB Plug and Play Serial Development Module
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
logo
Catalyst Semiconductor
CAT24C21 CATALYST-CAT24C21 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
ELAN Microelectronics C...
EM83812 EMC-EM83812 Datasheet
84Kb / 11P
   ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com