Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-2202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AA-2202
Description  InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Box, Tab 4.75mm (.187") x 0.51mm (.020")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

AA-2202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AA-2202 Datasheet HTML 1Page - Molex Electronics Ltd. AA-2202 Datasheet HTML 2Page - Molex Electronics Ltd. AA-2202 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190030011
Status:
Active
Description:
InsulKrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35), Box, Tab 4.75mm
(.187") x 0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19003
Comments
Funnel Entry
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Red
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Bag
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.43mm (.135") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
AA-2202
Reference - Drawing Numbers
Product Specification
PS-19902-008
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19003Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010400
Hand Crimp Tool
0640010700
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050400


Similar Part No. - AA-2202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AA-2202C MOLEX4-AA-2202C Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire
AA-2202T MOLEX4-AA-2202T Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
AA-2202V MOLEX4-AA-2202V Datasheet
109Kb / 3P
   InsulKrimp??Quick Disconnect, Female, Box, Tab 4.75mm (.187") x 0.51mm (.020")
AA-2202VC MOLEX4-AA-2202VC Datasheet
110Kb / 3P
   InsulKrimp??Quick Disconnect, Female, Continuous Molded Strip, Tab 4.75mm (.187")x 0.51mm (.020")
AA-2202VT MOLEX4-AA-2202VT Datasheet
109Kb / 3P
   InsulKrimp??Quick Disconnect, Female, Mylar Tape, Tab 4.75mm (.187") x 0.51mm(.020")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com