Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0039000323 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0039000323
Description  2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1434, Male, with Tin (Sn) over Copper Plated Brass Contact, 24-28 AWG, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039000323 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0039000323 Datasheet HTML 1Page - Molex Electronics Ltd. 0039000323 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000323
Status:
Active
Overview:
standard_093
Description:
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1434,
Male, with Tin (Sn) over Copper Plated Brass Contact, 24-28 AWG, Reel
Documents:
Drawing (PDF)
Product Specification PS-1434-004 (PDF)
Product Specification PS-1434-003 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
1434
Crimp Quality Equipment
Yes
Overview
standard_093
Product Name
Standard .093"
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.88
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.80-1.50mm (.031-.059")
Wire Size AWG
24, 26, 28
Wire Size mm²
N/A
Material Info
Old Part Number
1434T
Reference - Drawing Numbers
Product Specification
PS-1434-003, PS-1434-004
Sales Drawing
SD-1434*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1434Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638924100
HAND CRIMP TOOL 0638117100
Extraction Tool
0011030006
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0039000323

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039000322 MOLEX3-0039000322 Datasheet
105Kb / 2P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1433, Female
0039000324 MOLEX3-0039000324 Datasheet
89Kb / 2P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1434, Male, with Tin (Sn) over Copper Plated Brass Contact, 24-28 AWG, Bag
0039000324 MOLEX1-0039000324 Datasheet
29Kb / 1P
   2.36mm Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1434
0039000324 MOLEX1-0039000324_18 Datasheet
29Kb / 1P
   2.36mm Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1434
0039000325 MOLEX3-0039000325 Datasheet
89Kb / 2P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1434, Male, with Gold (Au) over Nickel Plated Brass Contact, 24-28 AWG, Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com