Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0026605130 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0026605130
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 13 Circuits, Tin (Sn) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026605130 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0026605130 Datasheet HTML 1Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 2Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 3Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 4Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 5Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 6Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 7Page - Molex Electronics Ltd. 0026605130 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026605130
Status:
Active
Overview:
kk
Description:
3.96mm (.156") Pitch KK® Solid Header, Right Angle, with Friction Lock, 13 Circuits,
Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41792
Application
Wire-to-Board
Overview
kk
Product Name
KK®
Physical
Breakaway
No
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Natural
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.156 In
PC Tail Length (mm)
3.96 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41792Series
Mates With
3069 , 2139 , 2145 , 6442 , 7674 , 7675 ,
41695 , L ink:41815


Similar Part No. - 0026605130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026605100 MOLEX3-0026605100 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, with Friction Lock, 10 Circuits, Tin (Sn) Plating
0026605110 MOLEX3-0026605110 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, with Friction Lock, 11 Circuits, Tin (Sn) Plating
0026605120 MOLEX3-0026605120 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK Solid Header, Right Angle, with Friction Lock, 12 Circuits, Tin (Sn) Plating
0026605140 MOLEX3-0026605140 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 14 Circuits, Tin (Sn) Plating
0026605150 MOLEX3-0026605150 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 15 Circuits,Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com