Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022426144 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 0022426144
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 22 AWG Wire, Friction Ramp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022426144 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 0022426144 Datasheet HTML 7Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 8Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 9Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 10Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 11Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 12Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 13Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 14Page - Molex Electronics Ltd. 0022426144 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
9
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-WANF501B
A-7720-WBNF501B
A-7720-WCNF501B
A-7720-WDNF501B
A-7720-WENF501B
A-7720-WFNF501B
HOUSING
7720-WAN
HOUSING
7720-WBN
HOUSING
7720-WCN
HOUSING
7720-WDN
HOUSING 7720-WEN
HOUSING
7720-WFN
TERM. NO 41138-F501
TERM. NO
41138-F501
TERM. NO 41138-F501
TERM. NO 41138-F501
TERM. NO 41138-F501
TERM. NO 41138-F501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING: 501
PLATING:
501
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-45-6021
A-7720-WA02F501B
22-45-6025
A-7720-WB02F501B
22-45-6026
A-7720-WC02F501B
22-45-6027
A-7720-WD02F501B
22-45-6028
A-7720-WE02F501B
22-45-6029
A-7720-WF02F501B
22-45-6031
A-7720-WA03F501B
22-45-6035
A-7720-WB03F501B
22-45-6036
A-7720-WC03F501B
22-45-6037
A-7720-WD03F501B
22-45-6038
A-7720-WE03F501B
22-45-6039
A-7720-WF03F501B
22-45-6041
A-7720-WA04F501B
22-45-6045
A-7720-WB04F501B
22-45-6046
A-7720-WC04F501B
22-45-6047
A-7720-WD04F501B
22-45-6048
A-7720-WE04F501B
22-45-6049
A-7720-WF04F501B
22-45-6051
A-7720-WA05F501B
22-45-6055
A-7720-WB05F501B
22-45-6056
A-7720-WC05F501B
22-45-6057
A-7720-WD05F501B
22-45-6058
A-7720-WE05F501B
22-45-6059
A-7720-WF05F501B
22-45-6061
A-7720-WA06F501B
22-45-6065
A-7720-WB06F501B
22-45-6066
A-7720-WC06F501B
22-45-6067
A-7720-WD06F501B
22-45-6068
A-7720-WE06F501B
22-45-6069
A-7720-WF06F501B
22-45-6071
A-7720-WA07F501B
22-45-6075
A-7720-WB07F501B
22-45-6076
A-7720-WC07F501B
22-45-6077
A-7720-WD07F501B
22-45-6078
A-7720-WE07F501B
22-45-6079
A-7720-WF07F501B
22-45-6081
A-7720-WA08F501B
22-45-6085
A-7720-WB08F501B
22-45-6086
A-7720-WC08F501B
22-45-6087
A-7720-WD08F501B
22-45-6088
A-7720-WE08F501B
22-45-6089
A-7720-WF08F501B
22-45-6091
A-7720-WA09F501B
22-45-6095
A-7720-WB09F501B
22-45-6096
A-7720-WC09F501B
22-45-6097
A-7720-WD09F501B
22-45-6098
A-7720-WE09F501B
22-45-6099
A-7720-WF09F501B
22-45-6101
A-7720-WA10F501B
22-45-6105
A-7720-WB10F501B
22-45-6106
A-7720-WC10F501B
22-45-6107
A-7720-WD10F501B
22-45-6108
A-7720-WE10F501B
22-45-6109
A-7720-WF10F501B
22-45-6111
A-7720-WA11F501B
22-45-6115
A-7720-WB11F501B
22-45-6116
A-7720-WC11F501B
22-45-6117
A-7720-WD11F501B
22-45-6118
A-7720-WE11F501B
22-45-6119
A-7720-WF11F501B
22-45-6121
A-7720-WA12F501B
22-45-6125
A-7720-WB12F501B
22-45-6126
A-7720-WC12F501B
22-45-6127
A-7720-WD12F501B
22-45-6128
A-7720-WE12F501B
22-45-6129
A-7720-WF12F501B
22-45-6131
A-7720-WA13F501B
22-45-6135
A-7720-WB13F501B
22-45-6136
A-7720-WC13F501B
22-45-6137
A-7720-WD13F501B
22-45-6138
A-7720-WE13F501B
22-45-6139
A-7720-WF13F501B
22-45-6141
A-7720-WA14F501B
22-45-6145
A-7720-WB14F501B
22-45-6146
A-7720-WC14F501B
22-45-6147
A-7720-WD14F501B
22-45-6148
A-7720-WE14F501B
22-45-6149
A-7720-WF14F501B
22-45-6151
A-7720-WA15F501B
22-45-6155
A-7720-WB15F501B
22-45-6156
A-7720-WC15F501B
22-45-6157
A-7720-WD15F501B
22-45-6158
A-7720-WE15F501B
22-45-6159
A-7720-WF15F501B
22-45-6161
A-7720-WA16F501B
22-45-6165
A-7720-WB16F501B
22-45-6166
A-7720-WC16F501B
22-45-6167
A-7720-WD16F501B
22-45-6168
A-7720-WE16F501B
22-45-6169
A-7720-WF16F501B
22-45-6171
A-7720-WA17F501B
22-45-6175
A-7720-WB17F501B
22-45-6176
A-7720-WC17F501B
22-45-6177
A-7720-WD17F501B
22-45-6178
A-7720-WE17F501B
22-45-6179
A-7720-WF17F501B
22-45-6181
A-7720-WA18F501B
22-45-6185
A-7720-WB18F501B
22-45-6186
A-7720-WC18F501B
22-45-6187
A-7720-WD18F501B
22-45-6188
A-7720-WE18F501B
22-45-6189
A-7720-WF18F501B
22-45-6191
A-7720-WA19F501B
22-45-6195
A-7720-WB19F501B
22-45-6196
A-7720-WC19F501B
22-45-6197
A-7720-WD19F501B
22-45-6198
A-7720-WE19F501B
22-45-6199
A-7720-WF19F501B
22-45-6201
A-7720-WA20F501B
22-45-6205
A-7720-WB20F501B
22-45-6206
A-7720-WC20F501B
22-45-6207
A-7720-WD20F501B
22-45-6208
A-7720-WE20F501B
22-45-6209
A-7720-WF20F501B
22-45-6211
A-7720-WA21F501B
22-45-6215
A-7720-WB21F501B
22-45-6216
A-7720-WC21F501B
22-45-6217
A-7720-WD21F501B
22-45-6218
A-7720-WE21F501B
22-45-6219
A-7720-WF21F501B
22-45-6221
A-7720-WA22F501B
22-45-6225
A-7720-WB22F501B
22-45-6226
A-7720-WC22F501B
22-45-6227
A-7720-WD22F501B
22-45-6228
A-7720-WE22F501B
22-45-6229
A-7720-WF22F501B
22-45-6231
A-7720-WA23F501B
22-45-6235
A-7720-WB23F501B
22-45-6236
A-7720-WC23F501B
22-45-6237
A-7720-WD23F501B
22-45-6238
A-7720-WE23F501B
22-45-6239
A-7720-WF23F501B
22-45-6241
A-7720-WA24F501B
22-45-6245
A-7720-WB24F501B
22-45-6246
A-7720-WC24F501B
22-45-6247
A-7720-WD24F501B
22-45-6248
A-7720-WE24F501B
22-45-6249
A-7720-WF24F501B
22-45-6251
A-7720-WA25F501B
22-45-6255
A-7720-WB25F501B
22-45-6256
A-7720-WC25F501B
22-45-6257
A-7720-WD25F501B
22-45-6258
A-7720-WE25F501B
22-45-6259
A-7720-WF25F501B
22-45-6261
A-7720-WA26F501B
22-45-6265
A-7720-WB26F501B
22-45-6266
A-7720-WC26F501B
22-45-6267
A-7720-WD26F501B
22-45-6268
A-7720-WE26F501B
22-45-6269
A-7720-WF26F501B
22-45-6271
A-7720-WA27F501B
22-45-6275
A-7720-WB27F501B
22-45-6276
A-7720-WC27F501B
22-45-6277
A-7720-WD27F501B
22-45-6278
A-7720-WE27F501B
22-45-6279
A-7720-WF27F501B
22-45-6281
A-7720-WA28F501B
22-45-6285
A-7720-WB28F501B
22-45-6286
A-7720-WC28F501B
22-45-6287
A-7720-WD28F501B
22-45-6288
A-7720-WE28F501B
22-45-6289
A-7720-WF28F501B


Similar Part No. - 0022426144

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022426143 MOLEX3-0022426143 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 22 AWG Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com