Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5556GS8 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5556GS8
Description  4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Reel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5556GS8 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5556GS8 Datasheet HTML 1Page - Molex Electronics Ltd. 5556GS8 Datasheet HTML 2Page - Molex Electronics Ltd. 5556GS8 Datasheet HTML 3Page - Molex Electronics Ltd. 5556GS8 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000139
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit™ Crimp Terminal, Female, with Selective Gold (Au) and
Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Reel
Documents:
Drawing (PDF)
Product Specification PS-5556-003 (PDF)
Product Specification PS-5556-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-002 (PDF)
General
Product Family
Crimp Terminals
Series
5556
Crimp Quality Equipment
Yes
Overview
minifit_jr
Product Name
Mini-Fit®
Physical
Durability (mating cycles max)
30
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.90-1.80mm (.035-.071")
Wire Size AWG
22, 24, 26, 28
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Material Info
Old Part Number
5556GS8
Reference - Drawing Numbers
Product Specification
PS-5556-001, PS-5556-002, PS-5556-003
Sales Drawing
SD-5556-006
Test Summary
TS-5556-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5556Series
Mates With
5558 Male Crimp Terminals. 5559 Plug
Housing. Mini-Fit Jr.™ Header, Dual Row,
5566 , 5569
Use With
5557 Mini-Fit Jr.™ Receptacle Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
FineAdjust™
Applicator
0639002700
T2 Terminator
Tooling Die
0639102700


Similar Part No. - 5556GS8

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5556GS8L MOLEX3-5556GS8L Datasheet
248Kb / 3P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Bag
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com