Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022426280 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0022426280
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 28 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022426280 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0022426280 Datasheet HTML 3Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 4Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 5Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 6Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 7Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 8Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 9Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 10Page - Molex Electronics Ltd. 0022426280 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
5
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANFP909B
A-7720-BNFP909B
A-7720-CNFP909B
A-7720-DNFP909B
A-7720-ENFP909B
A-7720-FNFP909B
HOUSING 7720-AN
HOUSING
7720-BN
HOUSING 7720-CN
HOUSING
7720-DN
HOUSING
7720-EN
HOUSING
7720-FN
TERM. NO 41138-FP909
TERM. NO 41138-FP909
TERM. NO 41138-FP909
TERM. NO 41138-FP909
TERM. NO 41138-FP909
TERM. NO 41138-FP909
PLATING: P909
PLATING:
P909
PLATING:
P909
PLATING:
P909
PLATING:
P909
PLATING:
P909
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-42-3020
A-7720-A02FP909B
22-42-3021
A-7720-B02FP909B
22-42-3022
A-7720-C02FP909B
22-42-3023
A-7720-D02FP909B
22-42-3024
A-7720-E02FP909B
22-42-3025
A-7720-F02FP909B
22-42-3030
A-7720-A03FP909B
22-42-3031
A-7720-B03FP909B
22-42-3032
A-7720-C03FP909B
22-42-3033
A-7720-D03FP909B
22-42-3034
A-7720-E03FP909B
22-42-3035
A-7720-F03FP909B
22-42-3040
A-7720-A04FP909B
22-42-3041
A-7720-B04FP909B
22-42-3042
A-7720-C04FP909B
22-42-3043
A-7720-D04FP909B
22-42-3044
A-7720-E04FP909B
22-42-3045
A-7720-F04FP909B
22-42-3050
A-7720-A05FP909B
22-42-3051
A-7720-B05FP909B
22-42-3052
A-7720-C05FP909B
22-42-3053
A-7720-D05FP909B
22-42-3054
A-7720-E05FP909B
22-42-3055
A-7720-F05FP909B
22-42-3060
A-7720-A06FP909B
22-42-3061
A-7720-B06FP909B
22-42-3062
A-7720-C06FP909B
22-42-3063
A-7720-D06FP909B
22-42-3064
A-7720-E06FP909B
22-42-3065
A-7720-F06FP909B
22-42-3070
A-7720-A07FP909B
22-42-3071
A-7720-B07FP909B
22-42-3072
A-7720-C07FP909B
22-42-3073
A-7720-D07FP909B
22-42-3074
A-7720-E07FP909B
22-42-3075
A-7720-F07FP909B
22-42-3080
A-7720-A08FP909B
22-42-3081
A-7720-B08FP909B
22-42-3082
A-7720-C08FP909B
22-42-3083
A-7720-D08FP909B
22-42-3084
A-7720-E08FP909B
22-42-3085
A-7720-F08FP909B
22-42-3090
A-7720-A09FP909B
22-42-3091
A-7720-B09FP909B
22-42-3092
A-7720-C09FP909B
22-42-3093
A-7720-D09FP909B
22-42-3094
A-7720-E09FP909B
22-42-3095
A-7720-F09FP909B
22-42-3100
A-7720-A10FP909B
22-42-3101
A-7720-B10FP909B
22-42-3102
A-7720-C10FP909B
22-42-3103
A-7720-D10FP909B
22-42-3104
A-7720-E10FP909B
22-42-3105
A-7720-F10FP909B
22-42-3110
A-7720-A11FP909B
22-42-3111
A-7720-B11FP909B
22-42-3112
A-7720-C11FP909B
22-42-3113
A-7720-D11FP909B
22-42-3114
A-7720-E11FP909B
22-42-3115
A-7720-F11FP909B
22-42-3120
A-7720-A12FP909B
22-42-3121
A-7720-B12FP909B
22-42-3122
A-7720-C12FP909B
22-42-3123
A-7720-D12FP909B
22-42-3124
A-7720-E12FP909B
22-42-3125
A-7720-F12FP909B
22-42-3130
A-7720-A13FP909B
22-42-3131
A-7720-B13FP909B
22-42-3132
A-7720-C13FP909B
22-42-3133
A-7720-D13FP909B
22-42-3134
A-7720-E13FP909B
22-42-3135
A-7720-F13FP909B
22-42-3140
A-7720-A14FP909B
22-42-3141
A-7720-B14FP909B
22-42-3142
A-7720-C14FP909B
22-42-3143
A-7720-D14FP909B
22-42-3144
A-7720-E14FP909B
22-42-3145
A-7720-F14FP909B
22-42-3150
A-7720-A15FP909B
22-42-3151
A-7720-B15FP909B
22-42-3152
A-7720-C15FP909B
22-42-3153
A-7720-D15FP909B
22-42-3154
A-7720-E15FP909B
22-42-3155
A-7720-F15FP909B
22-42-3160
A-7720-A16FP909B
22-42-3161
A-7720-B16FP909B
22-42-3162
A-7720-C16FP909B
22-42-3163
A-7720-D16FP909B
22-42-3164
A-7720-E16FP909B
22-42-3165
A-7720-F16FP909B
22-42-3170
A-7720-A17FP909B
22-42-3171
A-7720-B17FP909B
22-42-3172
A-7720-C17FP909B
22-42-3173
A-7720-D17FP909B
22-42-3174
A-7720-E17FP909B
22-42-3175
A-7720-F17FP909B
22-42-3180
A-7720-A18FP909B
22-42-3181
A-7720-B18FP909B
22-42-3182
A-7720-C18FP909B
22-42-3183
A-7720-D18FP909B
22-42-3184
A-7720-E18FP909B
22-42-3185
A-7720-F18FP909B
22-42-3190
A-7720-A19FP909B
22-42-3191
A-7720-B19FP909B
22-42-3192
A-7720-C19FP909B
22-42-3193
A-7720-D19FP909B
22-42-3194
A-7720-E19FP909B
22-42-3195
A-7720-F19FP909B
22-42-3200
A-7720-A20FP909B
22-42-3201
A-7720-B20FP909B
22-42-3202
A-7720-C20FP909B
22-42-3203
A-7720-D20FP909B
22-42-3204
A-7720-E20FP909B
22-42-3205
A-7720-F20FP909B
22-42-3210
A-7720-A21FP909B
22-42-3211
A-7720-B21FP909B
22-42-3212
A-7720-C21FP909B
22-42-3213
A-7720-D21FP909B
22-42-3214
A-7720-E21FP909B
22-42-3215
A-7720-F21FP909B
22-42-3220
A-7720-A22FP909B
22-42-3221
A-7720-B22FP909B
22-42-3222
A-7720-C22FP909B
22-42-3223
A-7720-D22FP909B
22-42-3224
A-7720-E22FP909B
22-42-3225
A-7720-F22FP909B
22-42-3230
A-7720-A23FP909B
22-42-3231
A-7720-B23FP909B
22-42-3232
A-7720-C23FP909B
22-42-3233
A-7720-D23FP909B
22-42-3234
A-7720-E23FP909B
22-42-3235
A-7720-F23FP909B
22-42-3240
A-7720-A24FP909B
22-42-3241
A-7720-B24FP909B
22-42-3242
A-7720-C24FP909B
22-42-3243
A-7720-D24FP909B
22-42-3244
A-7720-E24FP909B
22-42-3245
A-7720-F24FP909B
22-42-3250
A-7720-A25FP909B
22-42-3251
A-7720-B25FP909B
22-42-3252
A-7720-C25FP909B
22-42-3253
A-7720-D25FP909B
22-42-3254
A-7720-E25FP909B
22-42-3255
A-7720-F25FP909B
22-42-3260
A-7720-A26FP909B
22-42-3261
A-7720-B26FP909B
22-42-3262
A-7720-C26FP909B
22-42-3263
A-7720-D26FP909B
22-42-3264
A-7720-E26FP909B
22-42-3265
A-7720-F26FP909B
22-42-3270
A-7720-A27FP909B
22-42-3271
A-7720-B27FP909B
22-42-3272
A-7720-C27FP909B
22-42-3273
A-7720-D27FP909B
22-42-3274
A-7720-E27FP909B
22-42-3275
A-7720-F27FP909B
22-42-3280
A-7720-A28FP909B
22-42-3281
A-7720-B28FP909B
22-42-3282
A-7720-C28FP909B
22-42-3283
A-7720-D28FP909B
22-42-3284
A-7720-E28FP909B
22-42-3285
A-7720-F28FP909B


Similar Part No. - 0022426280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022426201 MOLEX3-0022426201 Datasheet
491Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire
0022426203 MOLEX3-0022426203 Datasheet
491Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Tin (Sn), Feed-To, 22 AWG Wire
0022426204 MOLEX3-0022426204 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 20 Circuits, Tin (Sn), Feed-To, 22 AWG Wire, Friction Ramp
0022426205 MOLEX3-0022426205 Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Tin (Sn), Feed-To, 22 AWG Wire
0022426222 MOLEX3-0022426222 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 22 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire, Friction Ramp and Polarizing Rib
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com