Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022413142 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0022413142
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022413142 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 0022413142 Datasheet HTML 2Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 3Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 4Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 5Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 6Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 7Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 8Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 9Page - Molex Electronics Ltd. 0022413142 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
4
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANHP909B
A-7720-BNHP909B
A-7720-CNHP909B
A-7720-DNHP909B
A-7720-ENHP909B
A-7720-FNHP909B
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING 7720-CN
HOUSING
7720-DN
HOUSING 7720-EN
HOUSING
7720-FN
TERM. NO 41138-HP909
TERM. NO 41138-HP909
TERM. NO 41138-HP909
TERM. NO 41138-HP909
TERM. NO 41138-HP909
TERM. NO 41138-HP909
PLATING:
P909
PLATING:
P909
PLATING:
P909
PLATING:
P909
PLATING: P909
PLATING:
P909
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-26-7022
A-7720-A02HP909B
22-26-8022
A-7720-B02HP909B
22-26-9022
A-7720-C02HP909B
22-41-3022
A-7720-D02HP909B
22-41-4022
A-7720-E02HP909B
22-41-5022
A-7720-F02HP909B
22-26-7032
A-7720-A03HP909B
22-26-8032
A-7720-B03HP909B
22-26-9032
A-7720-C03HP909B
22-41-3032
A-7720-D03HP909B
22-41-4032
A-7720-E03HP909B
22-41-5032
A-7720-F03HP909B
22-26-7042
A-7720-A04HP909B
22-26-8042
A-7720-B04HP909B
22-26-9042
A-7720-C04HP909B
22-41-3042
A-7720-D04HP909B
22-41-4042
A-7720-E04HP909B
22-41-5042
A-7720-F04HP909B
22-26-7052
A-7720-A05HP909B
22-26-8052
A-7720-B05HP909B
22-26-9052
A-7720-C05HP909B
22-41-3052
A-7720-D05HP909B
22-41-4052
A-7720-E05HP909B
22-41-5052
A-7720-F05HP909B
22-26-7062
A-7720-A06HP909B
22-26-8062
A-7720-B06HP909B
22-26-9062
A-7720-C06HP909B
22-41-3062
A-7720-D06HP909B
22-41-4062
A-7720-E06HP909B
22-41-5062
A-7720-F06HP909B
22-26-7072
A-7720-A07HP909B
22-26-8072
A-7720-B07HP909B
22-26-9072
A-7720-C07HP909B
22-41-3072
A-7720-D07HP909B
22-41-4072
A-7720-E07HP909B
22-41-5072
A-7720-F07HP909B
22-26-7082
A-7720-A08HP909B
22-26-8082
A-7720-B08HP909B
22-26-9082
A-7720-C08HP909B
22-41-3082
A-7720-D08HP909B
22-41-4082
A-7720-E08HP909B
22-41-5082
A-7720-F08HP909B
22-26-7092
A-7720-A09HP909B
22-26-8092
A-7720-B09HP909B
22-26-9092
A-7720-C09HP909B
22-41-3092
A-7720-D09HP909B
22-41-4092
A-7720-E09HP909B
22-41-5092
A-7720-F09HP909B
22-26-7102
A-7720-A10HP909B
22-26-8102
A-7720-B10HP909B
22-26-9102
A-7720-C10HP909B
22-41-3102
A-7720-D10HP909B
22-41-4102
A-7720-E10HP909B
22-41-5102
A-7720-F10HP909B
22-26-7112
A-7720-A11HP909B
22-26-8112
A-7720-B11HP909B
22-26-9112
A-7720-C11HP909B
22-41-3112
A-7720-D11HP909B
22-41-4112
A-7720-E11HP909B
22-41-5112
A-7720-F11HP909B
22-26-7122
A-7720-A12HP909B
22-26-8122
A-7720-B12HP909B
22-26-9122
A-7720-C12HP909B
22-41-3122
A-7720-D12HP909B
22-41-4122
A-7720-E12HP909B
22-41-5122
A-7720-F12HP909B
22-26-7132
A-7720-A13HP909B
22-26-8132
A-7720-B13HP909B
22-26-9132
A-7720-C13HP909B
22-41-3132
A-7720-D13HP909B
22-41-4132
A-7720-E13HP909B
22-41-5132
A-7720-F13HP909B
22-26-7142
A-7720-A14HP909B
22-26-8142
A-7720-B14HP909B
22-26-9142
A-7720-C14HP909B
22-41-3142
A-7720-D14HP909B
22-41-4142
A-7720-E14HP909B
22-41-5142
A-7720-F14HP909B
22-26-7152
A-7720-A15HP909B
22-26-8152
A-7720-B15HP909B
22-26-9152
A-7720-C15HP909B
22-41-3152
A-7720-D15HP909B
22-41-4152
A-7720-E15HP909B
22-41-5152
A-7720-F15HP909B
22-26-7162
A-7720-A16HP909B
22-26-8162
A-7720-B16HP909B
22-26-9162
A-7720-C16HP909B
22-41-3162
A-7720-D16HP909B
22-41-4162
A-7720-E16HP909B
22-41-5162
A-7720-F16HP909B
22-26-7172
A-7720-A17HP909B
22-26-8172
A-7720-B17HP909B
22-26-9172
A-7720-C17HP909B
22-41-3172
A-7720-D17HP909B
22-41-4172
A-7720-E17HP909B
22-41-5172
A-7720-F17HP909B
22-26-7182
A-7720-A18HP909B
22-26-8182
A-7720-B18HP909B
22-26-9182
A-7720-C18HP909B
22-41-3182
A-7720-D18HP909B
22-41-4182
A-7720-E18HP909B
22-41-5182
A-7720-F18HP909B
22-26-7192
A-7720-A19HP909B
22-26-8192
A-7720-B19HP909B
22-26-9192
A-7720-C19HP909B
22-41-3192
A-7720-D19HP909B
22-41-4192
A-7720-E19HP909B
22-41-5192
A-7720-F19HP909B
22-26-7202
A-7720-A20HP909B
22-26-8202
A-7720-B20HP909B
22-26-9202
A-7720-C20HP909B
22-41-3202
A-7720-D20HP909B
22-41-4202
A-7720-E20HP909B
22-41-5202
A-7720-F20HP909B
22-26-7212
A-7720-A21HP909B
22-26-8212
A-7720-B21HP909B
22-26-9212
A-7720-C21HP909B
22-41-3212
A-7720-D21HP909B
22-41-4212
A-7720-E21HP909B
22-41-5212
A-7720-F21HP909B
22-26-7222
A-7720-A22HP909B
22-26-8222
A-7720-B22HP909B
22-26-9222
A-7720-C22HP909B
22-41-3222
A-7720-D22HP909B
22-41-4222
A-7720-E22HP909B
22-41-5222
A-7720-F22HP909B
22-26-7232
A-7720-A23HP909B
22-26-8232
A-7720-B23HP909B
22-26-9232
A-7720-C23HP909B
22-41-3232
A-7720-D23HP909B
22-41-4232
A-7720-E23HP909B
22-41-5232
A-7720-F23HP909B
22-26-7242
A-7720-A24HP909B
22-26-8242
A-7720-B24HP909B
22-26-9242
A-7720-C24HP909B
22-41-3242
A-7720-D24HP909B
22-41-4242
A-7720-E24HP909B
22-41-5242
A-7720-F24HP909B
22-26-7252
A-7720-A25HP909B
22-26-8252
A-7720-B25HP909B
22-26-9252
A-7720-C25HP909B
22-41-3252
A-7720-D25HP909B
22-41-4252
A-7720-E25HP909B
22-41-5252
A-7720-F25HP909B
22-26-7262
A-7720-A26HP909B
22-26-8262
A-7720-B26HP909B
22-26-9262
A-7720-C26HP909B
22-41-3262
A-7720-D26HP909B
22-41-4262
A-7720-E26HP909B
22-41-5262
A-7720-F26HP909B
22-26-7272
A-7720-A27HP909B
22-26-8272
A-7720-B27HP909B
22-26-9272
A-7720-C27HP909B
22-41-3272
A-7720-D27HP909B
22-41-4272
A-7720-E27HP909B
22-41-5272
A-7720-F27HP909B
22-26-7282
A-7720-A28HP909B
22-26-8282
A-7720-B28HP909B
22-26-9282
A-7720-C28HP909B
22-41-3282
A-7720-D28HP909B
22-41-4282
A-7720-E28HP909B
22-41-5282
A-7720-F28HP909B


Similar Part No. - 0022413142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022413141 MOLEX3-0022413141 Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com