Electronic Components Datasheet Search |
|
22-50-3235 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
22-50-3235 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0022503235 Status: Active Overview: kk Description: 2.54mm (.100") KK® IDT Double Cantilever Contact, 23 Circuits, Tin (Sn), Feed- Through, Friction Ramp and Polarizing Rib, Green ID Strip Documents: 3D Model Product Specification PSX-7690S (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 General Product Family IDT and Solder Connectors Series 7720 Comments Version H Crimp Quality Equipment Yes Overview kk Product Name KK® Physical Circuits (Loaded) 23 Circuits (maximum) 23 Color - Resin Natural Durability (mating cycles max) 5 Flammability 94V-2 Gender Female Glow-Wire Compliant No Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Packaging Type Bag Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating 0°C to +75°C Termination Interface: Style IDT or Pierce Wire Size AWG 24 Stranded, 26 Solid, 26 Stranded Topcoat Electrical Current - Maximum per Contact 4A Voltage - Maximum 250V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 7720SC23H Reference - Drawing Numbers Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 7720Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Tool for 2.54mm (.100") Pitch KK® IDT Crimp Terminals 0638133504 IDT - Semi-automatic - Bench-Top Terminator 0011200412 |
Similar Part No. - 22-50-3235 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |